Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z20-16B Datasheet(PDF) 3 Page - Formosa MS

Part # Z20-16B
Description  Zener Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

Z20-16B Datasheet(HTML) 3 Page - Formosa MS

  Z20-16B Datasheet HTML 1Page - Formosa MS Z20-16B Datasheet HTML 2Page - Formosa MS Z20-16B Datasheet HTML 3Page - Formosa MS Z20-16B Datasheet HTML 4Page - Formosa MS Z20-16B Datasheet HTML 5Page - Formosa MS Z20-16B Datasheet HTML 6Page - Formosa MS Z20-16B Datasheet HTML 7Page - Formosa MS Z20-16B Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page 3
Note : 5% tolerance of Zener voltage
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Marking
code
Zener
voltage
Zener
impedance
Leakage
current
OHMs
Z
@ I
ZT
ZT
Nom.
V @ I
(Volts)
Z
ZT
mA
I
ZK
uA
I
R
Volts
V
R
OHMs
Z
@ I
ZK
ZK
8.0
4.0
9.0
4.5
10.0
5.0
11.0
5.5
11.0
7.0
12.0
18.0
19.0
20.0
23.0
30.0
Z20-16B
Z20-11B
Z20-17B
Z20-12B
Z20-18B
Z20-13B
Z20-19B
Z20-14B
Z20-20B
Z20-15B
Z20-22B
Z20-27B
Z20-28B
Z20-30B
Z20-33B
Z20-39B
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.5
1.0
0.5
1.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
12.2
8.4
13.0
9.1
13.7
9.9
10.6
11.4
14.4
15.2
16.7
20.6
21.0
22.5
25.1
29.7
700
700
750
700
750
700
750
700
750
700
750
750
750
1000
1000
1500
Part No.
Z20-16B
Z20-11B
Z20-17B
Z20-12B
Z20-18B
Z20-13B
Z20-19B
Z20-14B
Z20-20B
Z20-15B
Z20-22B
Z20-27B
Z20-28B
Z20-30B
Z20-33B
Z20-39B
14.25
10.45
15.20
11.40
16.15
17.10
12.35
18.05
13.30
19.00
20.90
25.65
26.60
28.50
31.35
37.05
13.0
Z20-24B
0.25
0.5
18.2
750
Z20-24B
22.80
25.0
Z20-36B
0.25
0.5
27.4
1000
Z20-36B
34.20
mA
33.4
45.5
31.2
41.5
29.4
27.8
38.5
26.3
35.7
25.0
22.8
18.5
17.0
16.6
15.1
12.8
20.8
13.9
Test
current
I
ZT
75.0
35.0
90.0
40.0
100
48.0
125
55.0
750
60.0
750
850
1000
1200
1300
2200
Z20-68B
Z20-43B
Z20-75B
Z20-47B
Z20-82B
Z20-51B
Z20-91B
Z20-56B
Z20-100B
Z20-62B
Z20-110B
Z20-120B
Z20-130B
Z20-140B
Z20-150B
Z20-170B
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
56.0
32.7
62.2
35.8
69.2
42.6
47.1
51.7
75
80
85
95
105
110
120
140
2000
1500
2000
1500
3000
1500
3000
2000
5000
2000
5000
5000
5000
5000
5000
5000
Z20-68B
Z20-43B
Z20-75B
Z20-47B
Z20-82B
Z20-51B
Z20-91B
Z20-56B
Z20-100B
Z20-62B
Z20-110B
Z20-120B
Z20-130B
Z20-140B
Z20-150B
Z20-170B
58.90
40.85
64.60
44.65
71.25
77.90
48.45
86.45
53.20
95.00
104.50
114.00
123.50
133.00
142.50
161.50
750
Z20-115B
0.25
0.5
90
5000
Z20-115B
109.25
1500
Z20-160B
0.25
0.5
130
5000
Z20-160B
152.00
8.1
11.6
7.4
10.6
6.7
6.1
9.8
5.5
9.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5000
5000
2200
5000
2500
5000
2500
5000
5000
5000
5000
5000
5000
5000
Z20-220B
Z20-230B
Z20-180B
Z20-240B
Z20-190B
Z20-250B
Z20-200B
Z20-260B
Z20-210B
Z20-270B
Z20-290B
Z20-300B
Z20-320B
Z20-330B
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
175
180
150
190
165
165
170
195
200
210
220
225
233
240
8000
9000
5000
8000
5000
9000
8000
8000
9000
9000
9000
9000
9500
9500
Z20-220B
Z20-230B
Z20-180B
Z20-240B
Z20-190B
Z20-250B
Z20-200B
Z20-260B
Z20-210B
Z20-270B
Z20-290B
Z20-300B
Z20-320B
Z20-330B
199.50
209.00
171.00
218.50
228.00
180.50
237.50
190.00
247.00
256.50
275.50
285.00
304.00
313.50
5000
Z20-280B
0.25
0.5
215
8000
Z20-280B
266.00
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5000
Z20-310B
0.25
0.5
9500
Z20-310B
294.50
5.0
38.8
15
11
16
12
17
18
13
19
14
20
22
27
28
30
33
39
24
36
62
43
68
47
75
82
51
91
56
100
110
120
130
140
150
170
115
160
210
220
180
230
240
190
250
200
260
270
290
300
320
330
280
310
15.75
11.55
16.80
12.60
1785
18.90
13.65
19.95
14.70
21.00
23.10
28.35
29.40
31.50
34.65
40.95
25.20
37.80
65.10
45.15
71.40
49.35
78.75
86.10
53.55
95.55
58.80
105.00
115.50
126.00
136.50
147.00
157.50
178.50
120.75
168.00
220.50
231.00
189.00
241.50
252.00
199.50
262.50
210.00
273.00
283.50
304.50
315.00
336.00
346.50
294.00
325.50
Min.
Max.
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222745
2009/08/10
2010/06/10
B
8


Similar Part No. - Z20-16B

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
Z20-10-IEEE-U TDK-Z20-10-IEEE-U Datasheet
161Kb / 2P
   Programmable Power Supplies
May 09, 2022
Z20-10-IS420-U TDK-Z20-10-IS420-U Datasheet
161Kb / 2P
   Programmable Power Supplies
May 09, 2022
Z20-10-IS510-U TDK-Z20-10-IS510-U Datasheet
161Kb / 2P
   Programmable Power Supplies
May 09, 2022
Z20-10-L-U TDK-Z20-10-L-U Datasheet
177Kb / 2P
   Programmable Power Supplies
May 09, 2022
Z20-10-LAN-L-U TDK-Z20-10-LAN-L-U Datasheet
177Kb / 2P
   Programmable Power Supplies
May 09, 2022
More results

Similar Description - Z20-16B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com