Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDZ4.7B-FL Datasheet(PDF) 6 Page - Formosa MS

Part # UDZ4.7B-FL
Description  SMD Zener Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

UDZ4.7B-FL Datasheet(HTML) 6 Page - Formosa MS

  UDZ4.7B-FL Datasheet HTML 1Page - Formosa MS UDZ4.7B-FL Datasheet HTML 2Page - Formosa MS UDZ4.7B-FL Datasheet HTML 3Page - Formosa MS UDZ4.7B-FL Datasheet HTML 4Page - Formosa MS UDZ4.7B-FL Datasheet HTML 5Page - Formosa MS UDZ4.7B-FL Datasheet HTML 6Page - Formosa MS UDZ4.7B-FL Datasheet HTML 7Page - Formosa MS UDZ4.7B-FL Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Page 6
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
SMD Zener Diode
Document ID
Issued Date
Revised Date
Revision
Page.
UDZ2.4B-FL THRU UDZ36B-FL
Packing information
P0
P1
E
B
d
F
W
P
A
D
D1
D2
W1
C
T
unit:mm
Note:Devices are packed in accor dance with EIA standar RS-481-A and specifications listed above.
Item
Tolerance
SOD-323FL
Carrier width
Carrier length
Carrier depth
Sprocket hole
13" Reel outside diameter
7" Reel outside diameter
13" Reel inner diameter
7" Reel inner diameter
Feed hole diameter
Sprocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Reel width
Overall tape thickness
Tape width
P0
P1
E
B
C
d
F
T
W
P
A
D
D
D1
D1
D2
W1
Symbol
0.1
0.1
0.1
min
min
0.5
0.1
0.3
1.0
0.1
0.1
0.1
0.1
0.1
0.1
2.0
2.0
1.50
-
178.00
-
62.00
13.00
1.75
3.50
4.00
4.00
2.00
0.23
8.00
11.40
1.46
2.95
1.25
DS-221753
2011/01/03
-
A
8


Similar Part No. - UDZ4.7B-FL

ManufacturerPart #DatasheetDescription
logo
Rohm
UDZ4.7B ROHM-UDZ4.7B Datasheet
58Kb / 3P
   Zener diode
logo
Formosa MS
UDZ4.7B FORMOSA-UDZ4.7B Datasheet
62Kb / 8P
   SMD Zener Diode
More results

Similar Description - UDZ4.7B-FL

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com