Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM5Z22V Datasheet(PDF) 3 Page - Formosa MS

Part # MM5Z22V
Description  SMD Zener Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MM5Z22V Datasheet(HTML) 3 Page - Formosa MS

  MM5Z22V Datasheet HTML 1Page - Formosa MS MM5Z22V Datasheet HTML 2Page - Formosa MS MM5Z22V Datasheet HTML 3Page - Formosa MS MM5Z22V Datasheet HTML 4Page - Formosa MS MM5Z22V Datasheet HTML 5Page - Formosa MS MM5Z22V Datasheet HTML 6Page - Formosa MS MM5Z22V Datasheet HTML 7Page - Formosa MS MM5Z22V Datasheet HTML 8Page - Formosa MS MM5Z22V Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Page 3
Marking
code
(Note 1)
Zener
voltage
Test
current
Zener
impedance
Leakage
current
mA
I
ZT
Z@ I
ZT
ZT
Max.(V)
V@ I
ZZT
mA
I
ZK
I
R
Volts
V
R
Z@ I
ZK
ZK
3.9
2.4
4.3
2.7
4.7
3.0
5.1
3.3
5.6
3.6
6.2
6.8
7.5
8.2
9.1
10
11
12
16
18
20
22
24
27
30
33
36
39
43
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
90
100
90
100
80
100
60
95
40
90
10
15
15
15
15
20
20
25
40
45
55
55
70
80
80
80
90
130
150
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
3
50
3
20
3
10
2
5
1
5
3
2
1
0.7
0.2
0.1
0.1
0.1
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
1.0
1.0
1.0
1.0
2.0
1.0
2.0
2.0
4.0
4.0
1.0
1.0
5.0
5.0
7.0
8.0
8.0
8.0
10.5
11.2
12.6
14.0
15.4
16.8
18.9
21.0
23.2
25.2
27.3
30.1
1000
1000
1000
1000
800
1000
500
1000
200
1000
100
160
160
160
160
160
160
80
80
80
100
100
120
300
300
300
500
500
500
500
Part No.
MM5Z3V9
MM5Z2V4
MM5Z4V3
MM5Z2V7
MM5Z4V7
MM5Z3V0
MM5Z5V1
MM5Z3V3
MM5Z5V6
MM5Z3V6
MM5Z6V2
MM5Z6V8
MM5Z7V5
MM5Z8V2
MM5Z9V1
MM5Z10V
MM5Z11V
MM5Z12V
MM5Z15V
MM5Z16V
MM5Z18V
MM5Z20V
MM5Z22V
MM5Z24V
MM5Z27V
MM5Z30V
MM5Z33V
MM5Z36V
MM5Z39V
MM5Z43V
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Nom.(V)
Min.(V)
3.7
2.2
4.0
2.5
4.4
2.8
4.8
3.1
5.2
3.4
5.8
6.4
7.0
7.7
8.5
9.4
10.4
11.4
15.3
16.8
18.8
20.8
22.8
25.1
28.0
31.0
34.0
37.0
40.0
4.1
2.6
4.6
2.9
5.0
3.2
5.4
3.5
6.0
3.8
6.6
7.2
7.9
8.7
9.6
10.6
11.6
12.7
17.1
19.1
21.2
23.3
25.6
28.9
32.0
35.0
38.0
41.0
46.0
SMD Zener Diode
Electrical characteristics (at T =25 C unless otherwise noted)
A
o
47
5
170
1.0
0.05
32.9
500
MM5Z47V
44.0
50.0
51
5
180
1.0
0.05
35.7
500
MM5Z51V
48.0
54.0
13
5
30
1.0
0.1
8.0
80
MM5Z13V
12.4
14.1
Document ID
Issued Date
Revised Date
Revision
Page.
56
62
5
5
200
215
1.0
1.0
0.05
0.05
39.2
43.4
500
500
MM5Z56V
MM5Z62V
52.0
58.0
60.0
66.0
68
5
240
1.0
0.05
47.6
500
MM5Z68V
64.0
72.0
15
5
30
1.0
0.05
80
MM5Z75V
14.3
15.8
75
70.0
79.0
255
52.5
θVz
(mV/k)
@IZT
C
@VR=0V
f=1MHz
J
pF
Min.
Max.
-3.5
-3.5
-3.5
-3.5
-3.5
-3.5
-3.5
-3.5
-2.7
-2.0
0.4
1.2
2.5
3.2
3.8
4.5
5.4
6.0
10.4
12.4
14.4
16.4
18.4
21.4
24.4
27.4
30.4
33.4
37.6
42.0
-2.5
0
0
0
0.2
0
1.2
0
2.5
0
3.7
4.5
5.3
6.2
7.0
8.0
9.0
10
14
16
18
20
22
25.3
29.4
33.4
37.4
41.2
46.6
51.8
450
450
450
450
260
450
225
200
185
155
450
450
140
135
130
130
130
130
110
105
100
85
85
80
70
70
70
70
45
40
46.6
57.2
40
52.2
63.8
40
7.0
11
120
58.8
65.6
71.6
79.8
40
35
73.4
88.6
35
9.2
13
35
MM5Z2V4 THRU MM5Z75V
05
06
07
08
09
0A
0C
0E
0F
0G
0H
0K
0L
0M
0N
0P
0T
0U
0W
0Z
10
11
12
14
18
19
20
21
1A
1C
1D
1E
1F
1G
00
01
02
Note 1: Marking code add Month code see page 5
(Ω)Max
(Ω)Max
(uA)Max
DS-221739
2009/08/10
2012/12/26
E
9


Similar Part No. - MM5Z22V

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM5Z22V EIC-MM5Z22V Datasheet
109Kb / 2P
   ZENER DIODES
logo
SUNMATE electronic Co.,...
MM5Z22V SUNMATE-MM5Z22V Datasheet
381Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Weitron Technology
MM5Z22V WEITRON-MM5Z22V Datasheet
439Kb / 3P
   Surface Mount Zener Diodes
logo
Shunye Enterprise
MM5Z22V SHUNYE-MM5Z22V Datasheet
402Kb / 3P
   200mW SOD-523 SU R F ACE MOUNT Zener Voltage Regulators
logo
Fairchild Semiconductor
MM5Z22V FAIRCHILD-MM5Z22V Datasheet
177Kb / 4P
   Zener Diodes
More results

Similar Description - MM5Z22V

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com