Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5233B Datasheet(PDF) 5 Page - Formosa MS

Part # MMBZ5233B
Description  Zener Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MMBZ5233B Datasheet(HTML) 5 Page - Formosa MS

  MMBZ5233B Datasheet HTML 1Page - Formosa MS MMBZ5233B Datasheet HTML 2Page - Formosa MS MMBZ5233B Datasheet HTML 3Page - Formosa MS MMBZ5233B Datasheet HTML 4Page - Formosa MS MMBZ5233B Datasheet HTML 5Page - Formosa MS MMBZ5233B Datasheet HTML 6Page - Formosa MS MMBZ5233B Datasheet HTML 7Page - Formosa MS MMBZ5233B Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Page 5
Formosa MS
Zener Diode
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Suggested solder pad layout
Dimensions in inches and (millimeters)
Document ID
Issued Date
Revised Date
Revision
Page.
(A)
(B)
(C)
Pinning information
PinA
no connection
PinB
PinC
anode
cathode
Pin
Simplified outline
Symbol
(A)
(C)
(B)
MMBZ5221B THRU MMBZ5270B
SOT-23
0.035(0.90)
0.031(0.80)
0.079(2.0)
0.037(0.95)
0.037(0.95)
DS-221744
2009/08/10
2010/04/12
B
8


Similar Part No. - MMBZ5233B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBZ5233B FAIRCHILD-MMBZ5233B Datasheet
204Kb / 6P
   Zeners
logo
Diodes Incorporated
MMBZ5233B DIODES-MMBZ5233B Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
logo
SeCoS Halbleitertechnol...
MMBZ5233B SECOS-MMBZ5233B Datasheet
84Kb / 5P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
logo
Shanghai Lunsure Electr...
MMBZ5233B CHENYI-MMBZ5233B Datasheet
21Kb / 1P
   SURFACE MOUNT ZENER DIODES
logo
Pan Jit International I...
MMBZ5233B PANJIT-MMBZ5233B Datasheet
106Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - MMBZ5233B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com