Electronic Components Datasheet Search |
|
MMBZ5226B Datasheet(PDF) 2 Page - Formosa MS |
|
MMBZ5226B Datasheet(HTML) 2 Page - Formosa MS |
2 / 8 page Silicon epitaxial planar chip strucuction. Wide zener reverse voltage range 2.4V to 91V. Small package size for high density applications. Ideally suited for automated assembly processes. Lead-free parts meet environmental standards of MIL-STD-19500 /228 Features • • • • • • • • 225 mW Rating on FR–4 or FR–5 Board. ESD Rating of Class 3 (>16 KV) per Human Body Model. Suffix "-H" indicates Halogen-free part, ex.MMBZ5221B-H. Package outline Page 2 225mW Surface Mount Zener Diodes - 2.4V-91V PARAMETER CONDITIONS Symbol P D MIN. TYP. MAX. 225 UNIT mW Storage temperature Operating temperature T STG T J -55 -65 +150 +175 oC oC Maximum ratings (at T =25 C unless otherwise noted) A o Power Dissipation Formosa MS Zener Diode http://www.formosams.com/ TEL:886-2-22696661 FAX:886-2-22696141 Mechanical data • • • • • • Epoxy:UL94-V0 rated flame retardant Case : Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 Polarity : Indicated by cathode band Mounting Position : Any Molded plastic, SOT-23 Weight : Approximated 0.008 gram Document ID Issued Date Revised Date Revision Page. MMBZ5221B THRU MMBZ5270B Thermal resistance OC/W Junction to ambient R θJA 556 V F 0.9 V Forward Voltage DS-221744 2009/08/10 2010/04/12 B 8 I =10mA F Dimensions in inches and (millimeters) SOT-23 0.035 (0.89) 0.051 (1.30) 0.063 (1.60) 0.047 (1.20) 0.108 (2.75) 0.083 (2.10) 0.027 (0.67) 0.013 (0.32) (A) (B) (C) |
Similar Part No. - MMBZ5226B |
|
Similar Description - MMBZ5226B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |