Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR10200 Datasheet(PDF) 2 Page - Formosa MS

Part # MBR10200
Description  Schottky Barrier Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MBR10200 Datasheet(HTML) 2 Page - Formosa MS

  MBR10200 Datasheet HTML 1Page - Formosa MS MBR10200 Datasheet HTML 2Page - Formosa MS MBR10200 Datasheet HTML 3Page - Formosa MS MBR10200 Datasheet HTML 4Page - Formosa MS MBR10200 Datasheet HTML 5Page - Formosa MS MBR10200 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : JEDEC TO-220AC molded plastic body over
passivated chip
Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
Polarity:
Mounting Position : Any
Weight : Approximated 2.05 gram
As marked
Package outline
Page 2
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Schottky Barrier Rectifier
Features
Low power loss, high efficiency.
High current capability
High surge capability.
Guardring for overvoltage protection.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Suffix "-H" indicates Halogen-free parts, ex. ΜΒR1040-H.
150°C operating junction temperature.
Low stored charge majority carrier conduction
10A High Barrier Power Schottky
Rectifiers - 40V-200V
Dimensions in inches and (millimeters)
0.139(3.55)
MIN
0.038(0.96)
0.019(0.50)
TO-220AC
0.419(10.66)
0.387(9.85)
0.624(15.87)
0.548(13.93)
0.269(6.85)
0.226(5.75)
0.177(4.50)MAX
0.50(12.70)MIN
0.196(5.00)
0.163(4.16)
0.1(2.54)
0.054(1.39)
0.045(1.15)
.025(0.65)MAX
MBR1040 THRU MBR10200
Maximum ratings (AT T =25
A
oC unless otherwise noted)
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Peak forward surge current 8.3ms
single half sine-wave(JEDEC method)
Maximum DC blocking voltage
Maximum average forward rectified current
Operating junction temperature range
Storage temperature range
Maximum forward voltage at IF=10A
Maximum DC reverse current at TJ =25°C
at rated DC blocking voltage at TJ =125°C
Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
Thermal Characteristics
Typical thermal resistance
junction to case
PARAMETER
PARAMETER
PARAMETER
SYMBOLS
SYMBOLS
SYMBOLS
VDC
VRRM
IFSM
VRMS
TSTG
IO
TJ
VF
IR
R
θJC
MBR
1040
40
28
40
MBR
1040
MBR
1040
0.70
MBR
1045
45
31.5
45
MBR
1045
MBR
1045
MBR
1050
50
35
50
MBR
1050
MBR
1050
0.80
MBR
1060
60
42
60
MBR
1060
MBR
1060
-55 to +150
-65 to +175
150
0.1
15
2.0
10
MBR
1080
MBR
1080
MBR
1080
80
56
80
0.85
MBR
10100
100
70
100
MBR
10100
MBR
10100
MBR
10150
150
105
150
MBR
10150
MBR
10150
0.95
MBR
10200
200
140
MBR
10200
MBR
10200
200
UNIT
UNIT
UNIT
°C
°C
mA
mA
V
V
V
A
A
V
°C/W
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222679
2008/02/10
2014/08/15
D
6


Similar Part No. - MBR10200

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR10200 TSC-MBR10200 Datasheet
56Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBR10200 TSC-MBR10200 Datasheet
236Kb / 4P
   Schottky Barrier Rectifier
logo
Guangdong Juxing Electr...
MBR10200 JUXING-MBR10200 Datasheet
1Mb / 2P
   Schottky Barrier Rectifiers
logo
Sirectifier Semiconduct...
MBR10200 SIRECTIFIER-MBR10200 Datasheet
166Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
logo
Rugao Dachang Electroni...
MBR10200 DACHANG-MBR10200 Datasheet
151Kb / 2P
   Schottky Barrier Rectifier
More results

Similar Description - MBR10200

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com