Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM5Z2V7 Datasheet(PDF) 4 Page - Formosa MS

Part # MM5Z2V7
Description  SMD Zener Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MM5Z2V7 Datasheet(HTML) 4 Page - Formosa MS

  MM5Z2V7 Datasheet HTML 1Page - Formosa MS MM5Z2V7 Datasheet HTML 2Page - Formosa MS MM5Z2V7 Datasheet HTML 3Page - Formosa MS MM5Z2V7 Datasheet HTML 4Page - Formosa MS MM5Z2V7 Datasheet HTML 5Page - Formosa MS MM5Z2V7 Datasheet HTML 6Page - Formosa MS MM5Z2V7 Datasheet HTML 7Page - Formosa MS MM5Z2V7 Datasheet HTML 8Page - Formosa MS MM5Z2V7 Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Page 4
Rating and characteristic curves (MM5Z2V4 thru MM5Z75V)
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
80
10
30
.
100
10
10
.
TJ =25 C
IZAC
() =.
01IZDC
()
f1 kHz
=
IZ =1mA
5mA
11
.
10
.
09
.
08
.
07
.
06
.
05
.
04
.
100
10
10
.
150 C
°
75 C
°
25 C
°
0C
°
70
1000
100
10
10
.
10
40
.
BIAS AT
50
OF V
%
Z NOM
TA =25°C
0 V BIAS
1 V BIAS
1000
100
10
10
.
01
.
001
.
0 001
.
0 0001
.
0 00001
.
70
60
50
40
30
20
10
0
+150 C
°
+25°C
-55 °C
1000
1000
VF
FORWARD VOLTAGE
V
Figure 2. Typical Forward Voltage
,( )
VZ
NOMINAL ZENER VOLTAGE
Figure 1. Effect of Zener Voltage on
Zener Impedance
,
VZ
NOMINAL ZENER VOLTAGE
V
Figure 3. Typical Capacitance
,( )
VZ
NOMINAL ZENER VOLTAGE
V
Figure 4. Typical Leakage Current
,( )
12
VZ,( )
ZENER VOLTAGE V
100
10
10
.
01
.
001
.
10
80
.
60
.
40
.
20
.
0
TA =25°C
Figure 5 Zener Voltage versus Zener Current
.
()
VZ Up to 12 V
Figure 6 Zener Voltage versus Zener Current
.
()
12Vto75V
100
10
1
01
.
001
.
10
30
50
70
90
TA =25°C
VZ,( )
ZENER VOLTAGE V
DS-221739
2009/08/10
2012/12/26
E
9


Similar Part No. - MM5Z2V7

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM5Z2V7 EIC-MM5Z2V7 Datasheet
109Kb / 2P
   ZENER DIODES
logo
Microdiode Electronics ...
MM5Z2V7 CHENDA-MM5Z2V7 Datasheet
369Kb / 4P
   Zener Voltage Diodes
logo
Shanghai Leiditech Elec...
MM5Z2V7 LEIDITECH-MM5Z2V7 Datasheet
518Kb / 4P
   Standard Zener Breakdown Voltage Range 2.0 V to 75 V
logo
Weitron Technology
MM5Z2V7 WEITRON-MM5Z2V7 Datasheet
439Kb / 3P
   Surface Mount Zener Diodes
logo
Nanjing International G...
MM5Z2V7 DGNJDZ-MM5Z2V7 Datasheet
102Kb / 4P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - MM5Z2V7

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com