Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFM120-MT Datasheet(PDF) 4 Page - Formosa MS

Part # LFM120-MT
Description  Chip Schottky Barrier Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

LFM120-MT Datasheet(HTML) 4 Page - Formosa MS

  LFM120-MT Datasheet HTML 1Page - Formosa MS LFM120-MT Datasheet HTML 2Page - Formosa MS LFM120-MT Datasheet HTML 3Page - Formosa MS LFM120-MT Datasheet HTML 4Page - Formosa MS LFM120-MT Datasheet HTML 5Page - Formosa MS LFM120-MT Datasheet HTML 6Page - Formosa MS LFM120-MT Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Pinning information
1
2
Pin1
cathode
Pin2
anode
Pin
Simplified outline
Symbol
Marking
Type number
Marking code
LFM120-MT
12L
LFM130-MT
13L
LFM140-MT
14L
Suggested solder pad layout
Page 4
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
LFM120-MT THRU LFM140-MT
2
1
Dimensions in inches and (millimeters)
0.041 (1.05)
0.041 (1.05)
0.083 (2.10)
0.024 (0.60)
0.056 (1.40)
0.048 (1.20)
0.040(1.00)
0.037 (0.95)
0.016 (0.40)
DS-12164W
2013/12/17
-
A
7
Chip Schottky Barrier Rectifier


Similar Part No. - LFM120-MT

ManufacturerPart #DatasheetDescription
logo
Formosa MS
LFM120-MH1 FORMOSA-LFM120-MH1 Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
LFM120-MHT FORMOSA-LFM120-MHT Datasheet
61Kb / 7P
   Chip Schottky Barrier Rectifier
LFM120-MS FORMOSA-LFM120-MS Datasheet
60Kb / 7P
   SMD Schottky Barrier Rectifier
More results

Similar Description - LFM120-MT

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBD2020-G COMCHIP-CDBD2020-G Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD620-G COMCHIP-CDBD620-G Datasheet
94Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD2020-HF COMCHIP-CDBD2020-HF Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
logo
Formosa MS
LFM220 FORMOSA-LFM220 Datasheet
54Kb / 7P
   Chip Schottky Barrier Rectifier
FM5817-L FORMOSA-FM5817-L Datasheet
183Kb / 7P
   Chip Schottky Barrier Rectifier
logo
Comchip Technology
CDBD1020-HF COMCHIP-CDBD1020-HF Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD8060-G COMCHIP-CDBD8060-G Datasheet
59Kb / 3P
   Chip Schottky Barrier Rectifier
CDBD8060-HF COMCHIP-CDBD8060-HF Datasheet
76Kb / 3P
   Chip Schottky Barrier Rectifier
logo
Formosa MS
FM320-MHT FORMOSA-FM320-MHT Datasheet
60Kb / 7P
   Chip Schottky Barrier Rectifier
FM120-MT FORMOSA-FM120-MT Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
LFM120-MH1 FORMOSA-LFM120-MH1 Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com