Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX55C68 Datasheet(PDF) 2 Page - Formosa MS

Part # BZX55C68
Description  Zener Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

BZX55C68 Datasheet(HTML) 2 Page - Formosa MS

  BZX55C68 Datasheet HTML 1Page - Formosa MS BZX55C68 Datasheet HTML 2Page - Formosa MS BZX55C68 Datasheet HTML 3Page - Formosa MS BZX55C68 Datasheet HTML 4Page - Formosa MS BZX55C68 Datasheet HTML 5Page - Formosa MS BZX55C68 Datasheet HTML 6Page - Formosa MS BZX55C68 Datasheet HTML 7Page - Formosa MS BZX55C68 Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Mechanical data
Case : Glass, DO-35G
Terminals :Plated terminals, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.125 gram
Package outline
Page 2
Http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
500mW
Zener
Diodes - 2.4V-100V
Axial Lead
PARAMETER
CONDITIONS
Symbol
V
F
P
D
MIN.
TYP.
MAX.
1.50
500
UNIT
V
mW
Storage temperature range
Operating junction temperature range
T
STG
T
J
-55
-65
+150
+175
oC
oC
o
Maximum ratings (at T =25 C unless otherwise noted)
A
Forward voltage
Power Dissipation
I = 200 mA
F
Dimensions in inches and (millimeters)
DO-35G
1.02 (26.0)
MIN.
1.02 (26.0)
MIN.
0.166 (4.2)
MAX.
0.022 (0.56)
0.018 (0.45)
0.087 (2.2)
MAX.
DIA.
DIA.
Features
Silicon epitaxial planar chip structure.
Glass hermetically sealed package.
Wide zener reverse voltage range 2.4V to 100V.
Small package size for high density applications.
Ideally suited for automated assembly processes.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
V Tolerance Selection of ±5%
Z
Formosa MS
Document ID
Issued Date
Revised Date
Revision
Page.
Zener Diode
BZX55C2V4 THRU BZX55C100
DS-222713
2008/02/10
2010/03/10
B
8
I= 4mm TL≤25℃


Similar Part No. - BZX55C68

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX55C68 TSC-BZX55C68 Datasheet
170Kb / 4P
   Hermatically Sealed Glass Zener
logo
Vishay Siliconix
BZX55C68 VISHAY-BZX55C68 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
RFE international
BZX55C68 RFE-BZX55C68 Datasheet
1Mb / 2P
   Zener Diodes BZX Series
06-06-2022
logo
Rectron Semiconductor
BZX55C68 RECTRON-BZX55C68 Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Gaomi Xinghe Electronic...
BZX55C68 GXELECTRONICS-BZX55C68 Datasheet
102Kb / 3P
   Silicon Planar Zener Diodes
More results

Similar Description - BZX55C68

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com