Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KLFM120-MT Datasheet(PDF) 1 Page - Formosa MS

Part # KLFM120-MT
Description  Chip Low Leakage Schottky Barrier Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

KLFM120-MT Datasheet(HTML) 1 Page - Formosa MS

  KLFM120-MT Datasheet HTML 1Page - Formosa MS KLFM120-MT Datasheet HTML 2Page - Formosa MS KLFM120-MT Datasheet HTML 3Page - Formosa MS KLFM120-MT Datasheet HTML 4Page - Formosa MS KLFM120-MT Datasheet HTML 5Page - Formosa MS KLFM120-MT Datasheet HTML 6Page - Formosa MS KLFM120-MT Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1
KLFM120-MT THRU KLFM140-MT
Chip Low Leakage Schottky Barrier Rectifier
Formosa MS
1
2
2
2
2
3
4
4
4
5
6
6
7
List
List.................................................................................................
Package outline...............................................................................
Features..........................................................................................
Maximum ratings .............................................................................
Rating and characteristic curves........................................................
Pinning information...........................................................................
Marking...........................................................................................
Suggested solder pad layout.............................................................
Packing information..........................................................................
Reel packing....................................................................................
Suggested thermal profiles for soldering processes.............................
High reliability test capabilities...........................................................
Mechanical data...............................................................................
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-12164Q
2013/12/17
-
A
7


Similar Part No. - KLFM120-MT

ManufacturerPart #DatasheetDescription
logo
Formosa MS
KLFM120-MH1 FORMOSA-KLFM120-MH1 Datasheet
74Kb / 7P
   Chip Low Leakage Schottky Barrier Rectifier
KLFM120-MHT FORMOSA-KLFM120-MHT Datasheet
64Kb / 7P
   Chip Low Leakage Schottky Barrier Rectifier
KLFM120-MS FORMOSA-KLFM120-MS Datasheet
63Kb / 7P
   Chip Low Leakage Schottky Barrier Rectifier
More results

Similar Description - KLFM120-MT

ManufacturerPart #DatasheetDescription
logo
Formosa MS
KLFM120-MHT FORMOSA-KLFM120-MHT Datasheet
64Kb / 7P
   Chip Low Leakage Schottky Barrier Rectifier
KLFM07540-U FORMOSA-KLFM07540-U Datasheet
52Kb / 6P
   Chip Low Leakage Schottky Barrier Rectifier
KLFM120 FORMOSA-KLFM120 Datasheet
62Kb / 7P
   Chip Low Leakage Schottky Barrier Rectifier
KLFM120-MH1 FORMOSA-KLFM120-MH1 Datasheet
74Kb / 7P
   Chip Low Leakage Schottky Barrier Rectifier
KLFM120-MS FORMOSA-KLFM120-MS Datasheet
63Kb / 7P
   Chip Low Leakage Schottky Barrier Rectifier
logo
Solid States Devices, I...
SH0083B SSDI-SH0083B Datasheet
51Kb / 2P
   LOW LEAKAGE SCHOTTKY RECTIFIER
SH0083B SSDI-SH0083B_15 Datasheet
51Kb / 2P
   LOW LEAKAGE SCHOTTKY RECTIFIER
logo
Central Semiconductor C...
CMPSH1-4LE CENTRAL-CMPSH1-4LE_15 Datasheet
505Kb / 2P
   LOW LEAKAGE SILICON SCHOTTKY RECTIFIER
CPD87R CENTRAL-CPD87R Datasheet
710Kb / 2P
   Low Leakage Schottky Diode Chip
logo
NXP Semiconductors
PMEG6020AELR PHILIPS-PMEG6020AELR_15 Datasheet
213Kb / 15P
   60 V, 2 A low leakage current Schottky barrier rectifier
19 June 2015
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com