Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM130-NS Datasheet(PDF) 2 Page - Formosa MS

Part # FM130-NS
Description  SMD Schottky Barrier Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM130-NS Datasheet(HTML) 2 Page - Formosa MS

  FM130-NS Datasheet HTML 1Page - Formosa MS FM130-NS Datasheet HTML 2Page - Formosa MS FM130-NS Datasheet HTML 3Page - Formosa MS FM130-NS Datasheet HTML 4Page - Formosa MS FM130-NS Datasheet HTML 5Page - Formosa MS FM130-NS Datasheet HTML 6Page - Formosa MS FM130-NS Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Very tiny plastic SMD package.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Suffix "-H" indicates Halogen free parts, ex. FM120-NS-H.
Package outline
Page 2
1.0A Surface Mount Schottky Barrier
Rectifiers - 20V-40V
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Diode junction capacitance
Storage temperature
See Fig.1
8.3ms single half sine-wave (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
C
J
T
STG
A
A
mA
OC
pF
1.0
25
0.5
+175
-65
FM120-NS
FM130-NS
FM140-NS
20
30
40
14
21
28
20
30
40
-55 to +125
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =1.0A
F
O
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 100 C
R
RRM
J
120
10
V
F
(V)
*4
0.55
Formosa MS
O
( C)
Operating
temperature
T ,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
FM120-NS THRU FM140-NS
Mechanical data
Epoxy:UL94-V0 rated flame retardant
Case : Molded plastic, SOD-323S
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.004 gram
0.106(2.70)
0.091(2.30)
0.014(0.35)
0.010(0.25)
0.083(2.10)
0.067(1.70)
0.057(1.45)
0.041(1.05)
0.031(0.80)
0.024(0.60)
0.012(0.30)Typ.
0.005(0.12)
0.003(0.08)
Dimensions in inches and (millimeters)
SOD-323S
Document ID
Issued Date
Revised Date
Revision
Page.
DS-12161M
2008/02/10
2011/03/10
D
7
Maximum ratings and Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
Thermal resistance
R
θJA
120
Junction to ambient
R
θJC
OC/W
100
Junction to case
OC/W
SMD Schottky Barrier Rectifier


Similar Part No. - FM130-NS

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FM130-NS FRONTIER-FM130-NS Datasheet
612Kb / 3P
   1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-40V
More results

Similar Description - FM130-NS

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBM120 COMCHIP-CDBM120 Datasheet
62Kb / 2P
   SMD Schottky Barrier Rectifier
CDBA320L COMCHIP-CDBA320L Datasheet
148Kb / 3P
   SMD Schottky Barrier Rectifier
logo
Formosa MS
FM120-MS FORMOSA-FM120-MS Datasheet
64Kb / 7P
   SMD Schottky Barrier Rectifier
logo
Comchip Technology
CDBC320 COMCHIP-CDBC320 Datasheet
64Kb / 2P
   SMD Schottky Barrier Rectifier
CDBB220 COMCHIP-CDBB220 Datasheet
67Kb / 2P
   SMD Schottky Barrier Rectifier
CDBA5817 COMCHIP-CDBA5817 Datasheet
67Kb / 2P
   SMD Schottky Barrier Rectifier
CDBA120L COMCHIP-CDBA120L Datasheet
145Kb / 4P
   SMD Schottky Barrier Rectifier
CDBA120 COMCHIP-CDBA120 Datasheet
67Kb / 2P
   SMD Schottky Barrier Rectifier
logo
Formosa MS
FM10L45-T2 FORMOSA-FM10L45-T2 Datasheet
111Kb / 7P
   SMD Schottky Barrier Rectifier
logo
Comchip Technology
CDBB220L-G COMCHIP-CDBB220L-G Datasheet
104Kb / 2P
   SMD Schottky Barrier Rectifier
SS22-G COMCHIP-SS22-G Datasheet
111Kb / 2P
   SMD Schottky Barrier Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com