Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40200DR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40200DR
Description  Wide Input Range Non-Synchronous Voltage Mode Controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40200DR Datasheet(HTML) 4 Page - Texas Instruments

  TPS40200DR Datasheet HTML 1Page - Texas Instruments TPS40200DR Datasheet HTML 2Page - Texas Instruments TPS40200DR Datasheet HTML 3Page - Texas Instruments TPS40200DR Datasheet HTML 4Page - Texas Instruments TPS40200DR Datasheet HTML 5Page - Texas Instruments TPS40200DR Datasheet HTML 6Page - Texas Instruments TPS40200DR Datasheet HTML 7Page - Texas Instruments TPS40200DR Datasheet HTML 8Page - Texas Instruments TPS40200DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
TPS40200
SLUS659G – FEBRUARY 2006 – REVISED NOVEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD , ISNS
–0.3
52
Input voltage range
RC, FB
–0.3
5.5
V
SS
–0.3
9.0
COMP
–0.3
9.0
Output voltage range
V
GDRV
VIN –10
VIN
TJ
Operating Junction Temperature
–40
125
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–55
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
–1500
1500
pins(1)
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification
–1500
1500
JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500 V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250 V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD
Input voltage
4.5
52
V
TJ
Operating temperature range
–40
125
°C
6.4 Thermal Information
D
DRB
THERMAL METRIC(1)
SOIC
VSON
UNIT
(8 PINS)
(8 PINS)
RθJA
Junction-to-ambient thermal resistance
109.6
44.2
RθJC(top)
Junction-to-case (top) thermal resistance
54.0
53.6
RθJB
Junction-to-board thermal resistance
49.6
19.8
°C/W
ψJT
Junction-to-top characterization parameter
11.2
1.1
ψJB
Junction-to-board characterization parameter
49.1
19.9
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
7.9
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: TPS40200


Similar Part No. - TPS40200DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200DR TI-TPS40200DR Datasheet
2Mb / 39P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200DR TI-TPS40200DR Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200DR TI-TPS40200DR Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200DRBR TI-TPS40200DRBR Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200DRBR TI-TPS40200DRBR Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
More results

Similar Description - TPS40200DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200 TI-TPS40200 Datasheet
2Mb / 39P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200_081 TI-TPS40200_081 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI-TPS40200_08 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI-TPS40200_15 Datasheet
1Mb / 49P
[Old version datasheet]   TPS40200 Wide Input Range Non-Synchronous Voltage Mode Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI1-LM5088_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
Global Mixed-mode Techn...
G5212 GMT-G5212 Datasheet
72Kb / 1P
   Wide Input Range Synchronous Buck DCDC Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com