Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51116MPWPREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116MPWPREP
Description  COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51116MPWPREP Datasheet(HTML) 4 Page - Texas Instruments

  TPS51116MPWPREP Datasheet HTML 1Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 2Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 3Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 4Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 5Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 6Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 7Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 8Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
TPS51116-EP
SLUSB52A – OCTOBER 2012 – REVISED NOVEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TJ = −55°C to 125°C, TJ = TA, VV5IN = 5 V, VLDOIN is connected to VDDQ output (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VTTREF OUTPUT
VVTTREF
Output voltage, VTTREF
VVDDQSNS/2
V
-10 mA < IVTTREF < 10 mA, VVDDQSNS = 2.5 V,
-20
20
Tolerance to VVDDQSNS/2
-10 mA < IVTTREF < 10 mA, VVDDQSNS = 1.8 V,
-19
19
Tolerance to VVDDQSNS/2
VVTTREFTOL
Output voltage tolerance
mV
-10 mA < IVTTREF < 10 mA, VVDDQSNS = 1.5 V,
-16
16
Tolerance to VVDDQSNS/2
-10 mA < IVTTREF < 10 mA, VVDDQSNS = 1.2 V,
–13
13
Tolerance to VVDDQSNS/2
VVTTREFSRC
Source current
VVDDQSNS = 2.5 V, VVTTREF = 0 V
-19
-40
-83.5
mA
VVTTREFSNK
Sink current
VVDDQSNS = 2.5 V, VVTTREF = 2.5 V
19
40
83.5
VDDQ OUTPUT
TA = 25°C, VVDDQSET = 0 V, No load
2.465
2.500
2.535
-55°C
≤ TA ≤ 125°C, VVDDQSET = 0 V, No load
2.43
2.50
2.56
VVDDQ
Output voltage, VDDQ
TA = 25°C, VVDDQSET = 5 V, No load
1.776
1.800
1.830
V
-55°C
≤ TA ≤ 125°C, VVDDQSET = 5 V, No load
1.762
1.800
1.838
-55°C
≤ TA ≤ 125°C, Adjustable mode, No load
0.75
3.0
TA = 25°C, Adjustable mode
742.5
750
760.5
VVDDQSET
VDDQSET regulation voltage
mV
-55°C
≤ TA ≤ 125°C, Adjustable mode
737
750
763
VVDDQSET = 0 V
215
k
RVDDQSNS
Input impedance, VDDQSNS
VVDDQSET = 5 V
180
Adjustable mode
460
VVDDQSET = 0.78 V, COMP = Open
-0.04
IVDDQSET
Input current, VDDQSET
μA
VVDDQSET = 0.78 V, COMP = 5 V
-0.06
VS3 = VS5 = 0 V, VVDDQSNS = 0.5 V,
IVDDQDisch
Discharge current, VDDQ
10
40
mA
VMODE = 0 V
VS3 = VS5 = 0 V, VVDDQSNS = 0.5 V,
IVLDOINDisch
Discharge current, VLDOIN
700
mA
VMODE = 0.5 V
VTT OUTPUT
VS3 = VS5 = 5 V, VVLDOIN = VVDDQSNS = 2.5 V
1.25
VVTTSNS
Output voltage, VTT
VS3 = VS5 = 5 V, VVLDOIN = VVDDQSNS = 1.8 V
0.9
V
VS3 = VS5 = 5 V, VVLDOIN = VVDDQSNS = 1.5 V
0.75
VVDDQSNS = VVLDOIN = 2.5 V, VS3 = VS5 = 5 V,
-21
21
IVTT = 0 A
VTT output voltage tolerance
VVTTTOL25
mV
to VTTREF
VVDDQSNS = VVLDOIN = 2.5 V, VS3 = VS5 = 5 V,
-31
31
|IVTT| < 1 A
VVDDQSNS = VVLDOIN = 1.8 V, VS3 = VS5 = 5 V,
-21
21
IVTT = 0 A
VTT output voltage tolerance
VVTTTOL18
mV
to VTTREF
VVDDQSNS = VVLDOIN = 1.8 V, VS3 = VS5 = 5 V,
-31
31
|IVTT| < 1 A
VVDDQSNS = VVLDOIN = 1.5 V, VS3 = VS5 = 5 V,
-21
21
IVTT = 0 A
VTT output voltage tolerance
VVTTTOL15
mV
to VTTREF
VVDDQSNS = VVLDOIN = 1.5 V, VS3 = VS5 = 5 V,
-31
31
|IVTT| < 1 A
VVDDQSNS = VVLDOIN = 1.2 V, VS3 = VS5 = 5 V,
-21
21
IVTT = 0 A
VTT output voltage tolerance
VVTTTOL12
mV
to VTTREF
VVDDQSNS = VVLDOIN = 1.2 V, VS3 = VS5 = 5 V,
-31
31
|IVTT| < 1 A
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS51116-EP


Similar Part No. - TPS51116MPWPREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51116 TI-TPS51116 Datasheet
667Kb / 29P
[Old version datasheet]   COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116 TI1-TPS51116 Datasheet
1Mb / 45P
[Old version datasheet]   Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 3-A LDO, Buffered Reference
TPS51116PWP TI-TPS51116PWP Datasheet
667Kb / 29P
[Old version datasheet]   COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116PWP TI1-TPS51116PWP Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116PWP TI1-TPS51116PWP Datasheet
1Mb / 45P
[Old version datasheet]   Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 3-A LDO, Buffered Reference
More results

Similar Description - TPS51116MPWPREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51116 TI1-TPS51116_16 Datasheet
1Mb / 45P
[Old version datasheet]   Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 3-A LDO, Buffered Reference
TPS51116RGETG4 TI1-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116 TI1-TPS51116_12 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51716 TI-TPS51716 Datasheet
1Mb / 30P
[Old version datasheet]   Complete DDR2, DDR3, DDR3L, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 2-A LDO, with Buffered Reference
TPS51116 TI-TPS51116 Datasheet
667Kb / 29P
[Old version datasheet]   COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51216 TI1-TPS51216 Datasheet
770Kb / 30P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
   Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
logo
Texas Instruments
TPS59116 TI-TPS59116 Datasheet
794Kb / 36P
[Old version datasheet]   Complete DDR, DDR2 and DDR3 Memory Power Solution Synchronous Buck Controller 3-A LDO, Buffered Reference for Embedded Computing Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com