Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1A5600 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # 1A5600
Description  PCB Fuse Clips for ATC/ATM Blade, 5mm, 1/4??& 13/32??Diameter Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

1A5600 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  1A5600 Datasheet HTML 1Page - Cooper Bussmann, Inc. 1A5600 Datasheet HTML 2Page - Cooper Bussmann, Inc. 1A5600 Datasheet HTML 3Page - Cooper Bussmann, Inc. 1A5600 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Catalog
Clip
Number
Mat.*
Finish
1A3399-10
Spg. Br.
Bright Tin
1A3399-01
BeCu**
Silver
1A3399-04
BeCu**
Bright Tin
High Profile
Catalog
Clip
Number
Mat.*
Finish
1A5018-10
Spg. Br.
Bright Tin
1A5018-7
Spg. Br.
Silver
.115"
(2.9mm)
.062"
(1.6mm)
.254"
(6.5mm)
.237"
(6.0mm)
.125"
(3.2mm)
.225"
(5.72mm)
.125"
(3.2mm)
.060"
(1.5mm)
.188"
(4.8mm)
.030"
(0.762mm)
Catalog
Clip
Number
Mat.*
Finish
1A5601
Cart. Brass
Bright Tin
1A5601 Series (0 to 7 amps)
Dimensional Data
.250"
(6.35mm)
.060"
(1.5mm)
.246"
(6.3mm)
.344" + .015"
(8.73mm + 0.38mm)
.266"
(6.75mm)
.344" + .015"
(8.73mm + 0.38mm)
.141" + .015"
(3.58mm + 0.38mm)
.022" + .002"
(0.56mm + 0.05mm)
.032" + .002"
(.81mm + .05mm)
Catalog
Clip
Number
Mat.
Finish
1A5602
Cart. Brass
Bright Tin
1A5602 Series (0 to 7Amps)
Dimensional Data
.216"
(5.48mm)
LEGS TO FIT
IN .052" (1.3mm) DIA.
HOLES ON CENTER
.219"
(5.57mm)
.047"
(1.19mm)
.093"
(2.36mm)
.500"
(12.70mm)
.250"
(6.35mm)
.140"
(3.56mm)
.180"
(4.57mm)
.230"
(5.84mm)
.440"
(11.2mm)
.140"
(3.7mm)
.047"
(1.2mm)
.180"
(4.6mm)
1A3399 and 1A5018 Series***
With Straight Leads
Dimensional Data
For 5mm Diameter Fuses
For 13/32” Diameter Fuses
1A3400 Series***
With End Stops & Straight Leads
Dimensional Data
0.218"
(5.54mm)
0.710"
(18.03mm)
0.080"
(2.03mm)
0.470"
(11.94mm)
0.142" Dia.
(3.61mm)
0.050"
(1.27mm)
0.437"
(11.1mm)
0.470"
(11.94mm)
0.380"
(9.65mm)
***For RoHS compliant version add “-R” option code suffix to part number.
Specifications
5mm PCB Mount Fuseclips
Current Rating: 15A
Voltage Rating: 500Vac
PCB Terminals: Solder Lug
0413 BU-SB13482
Page 2 of 4
Data Sheet 2131
PCB Fuse Clips forATC/ATM Blade, 5mm, 1/4” & 13/32” Diameter Fuses
1AXXXX Series
*Spg. Br. - Spring Bronze; BeCu - Beryllium Copper; Cart. Brass - Cartridge Brass.
**BeCu recommended for currents higher than 15 amps.
Specifications:
Catalog
Clip
Amp
Number
Material
Finish
Rating
1A3400-09 Spring Bronze Bright Tin 20AMax.
1A3400-10 Beryllium Copper Silver
30AMax.
1A3400-12 Spring Brass
Bright Tin 15AMax.
1A3400-09 & 1A3400-10
1A3400-12


Similar Part No. - 1A5600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1A5600 ETC1-1A5600 Datasheet
102Kb / 4P
   Fuse Clips for Printed Circuit Boards For ATC, 5mm, 1/4 and 13/32 Diameter Fuses
logo
Cooper Bussmann, Inc.
1A5600 COOPER-1A5600 Datasheet
430Kb / 4P
   PCB Fuse Clips for ATC/ATM Blade 5mm 1/4 & 13/32 Diameter Fuses
logo
Eaton All Rights Reserv...
1A5600 EATON-1A5600 Datasheet
480Kb / 4P
   PCB Fuse-clips for ATC/ATM Blade, 5 mm
More results

Similar Description - 1A5600

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
1A1119-04 COOPER-1A1119-04 Datasheet
430Kb / 4P
   PCB Fuse Clips for ATC/ATM Blade 5mm 1/4 & 13/32 Diameter Fuses
logo
List of Unclassifed Man...
1A4533-01 ETC1-1A4533-01 Datasheet
102Kb / 4P
   Fuse Clips for Printed Circuit Boards For ATC, 5mm, 1/4 and 13/32 Diameter Fuses
logo
Eaton All Rights Reserv...
1AXXXX EATON-1AXXXX Datasheet
480Kb / 4P
   PCB Fuse-clips for ATC/ATM Blade, 5 mm
logo
Cooper Bussmann, Inc.
1A3400-09-R COOPER-1A3400-09-R Datasheet
87Kb / 4P
   Fuse Clips for Printed Circuit Boards For ATC, 5mm, 횣쩍짖쨌 & 횣횥쩍짙짧쨌 Diameter Fuses
logo
Littelfuse
102071 LITTELFUSE-102071 Datasheet
530Kb / 3P
   Fuse Blocks and Clips - For 1/4 Diameter Fuses
logo
Cooper Bussmann, Inc.
BK-ATC-3 COOPER-BK-ATC-3 Datasheet
251Kb / 2P
   ATC Blade Fuses
BK-ATC-30 COOPER-BK-ATC-30 Datasheet
251Kb / 2P
   ATC Blade Fuses
logo
Eaton All Rights Reserv...
HHF-JFCU EATON-HHF-JFCU Datasheet
159Kb / 1P
   Automotive in-line fuse holder for ATC blade-type fuses
logo
Cooper Bussmann, Inc.
15600-06-20 COOPER-15600-06-20 Datasheet
86Kb / 2P
   Fuse Panels - ATC, ATM, FMX
logo
Littelfuse
01020071 LITTELFUSE-01020071_V01 Datasheet
890Kb / 2P
   102/122 Series Circuit Board Mount Fuse Clips for 1/4??Diameter Fuses
Revised: 01/14/19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com