Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40100RGETG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40100RGETG4
Description  MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40100RGETG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS40100RGETG4 Datasheet HTML 1Page - Texas Instruments TPS40100RGETG4 Datasheet HTML 2Page - Texas Instruments TPS40100RGETG4 Datasheet HTML 3Page - Texas Instruments TPS40100RGETG4 Datasheet HTML 4Page - Texas Instruments TPS40100RGETG4 Datasheet HTML 5Page - Texas Instruments TPS40100RGETG4 Datasheet HTML 6Page - Texas Instruments TPS40100RGETG4 Datasheet HTML 7Page - Texas Instruments TPS40100RGETG4 Datasheet HTML 8Page - Texas Instruments TPS40100RGETG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
www.ti.com
TPS40100
SLUS601–MAY 2005
ELECTRICAL CHARACTERISTICS (continued)
-40°C ≤ TA =TJ≤ 85°C, VVDD =12V,RRT = 182 kΩ,RGM = 232 kΩ,RILIM = 121 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE MARGINING
Feedback voltage margin 5% up
VMGU ≤ 500 mV
715
725
735
VFBMGU
mV
Feedback voltage margin 3% up
2 V ≤ VMGU ≤ 3 V
700
711
720
IMGUP
Margin-up bias current
60
80
100
µA
Feedback voltage margin 5% down
VMGD ≤ 500 mV
645
655
665
VFBMGD
mA
Feedback voltage margin 3% down
2 V ≤ VMGD ≤ 3 V
660
669
680
IMGDN
Margin-down bias current
60
80
100
µA
tMGDLY
Margining delay time(3)
12
30
ms
tMGTRAN
Margining transition time
1.5
7.0
CURRENT SENSE AMPLIFIER
gmCSA
Current sense amplifier gain
TJ =25°C
300
333
365
µS
TCGM
Amplifier gain temperature coefficient
-2000
ppm/°C
VGMLIN
Gm linear range voltage
TJ =25°C
-50
50
mV
IISNS
Bias current at ISNS pin
VVO =VISNS = 3.3 V
250
nA
06
VGMCM
Input voltage common mode
V
4.5 V ≤ VIN ≤ 5.5 V
0
3.6
CURRENT LIMIT
VILIM
ILIM pin voltage to trip overcurrent
1.44
1.48
1.52
V
tILIMDLY
Current limit comparator propagation delay
HDRV transition from on to off
70
140
ns
DRIVER SPECIFICATIONS
tRHDRV
HIgh-side driver rise time(4)
CLOAD = 4.7 nF
57
ns
tFHDRV
HIgh-side driver fall time(4)
CLOAD = 4.7 nF
47
IHDRVSRPKS HIgh-side driver peak source current(4)
800
mA
IHDRVSRMIL
HIgh-side driver source current at 2.5 V(4)
VHDRV -VSW = 2.5 V
700
IHSDVSNPK
HIgh-side driver peak sink current(4)
1.3
A
IHDRVSNMIL
High-side driver sink current at 2.5 V(4)
VHDRV -VSW = 2.5 V
1.2
RHDRVUP
HIgh-side driver pullup resistance
IHDRV = 300 mA
2.4
4.0
RHDRVDN
HIgh-side driver pulldown resistance
IHDRV = 300 mA
1.0
1.8
tRLDRV
Low-side driver rise time(4)
CLOAD = 4.7 nF
57
ns
tFLDRV
Low-side driver fall time(4)
CLOAD = 4.7 nF
47
ILDRVSRPK
Low-side driver peak source current(4)
800
mA
ILDRVSNMIL
Low-side driver source current at 2.5 V(4)
VLDRV = 2.5 V
700
ILSDVSNPK
Low-side driver peak sink current(4)
1.3
A
Low-side driver sink current at 2.5 V(4)
VLDRV = 2.5 V
1.2
RLDRVUP
Low-side driver pullup resistance
ILDRV = 300 mA
2.0
4.0
RLDRVDN
Low-side driver pulldown resistance
ILDRV = 300 mA
0.8
1.5
ISWLEAK
Leakage current from SW pin
-1
1
µA
POWERGOOD
VLPGD
Powergood low voltage
IPGD= 2 mA
30
100
mV
tPGD
Powergood delay time
15
25
35
µs
VVDD = OPEN, 10-kΩ pullup to external
VLPGDNP
Powergood low voltage , no device power
1.00
1.25
V
5-V supply
VOV
Power good overvoltage threshold, VFB
765
mV
VUV
Power good undervoltage threshold, VFB
615
(3) Margining delay time is the time delay from an assertion of a margining command until the output voltage begins to transition to the
margined voltage.
(4) Ensured by design. Not production tested.
4


Similar Part No. - TPS40100RGETG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40100RGET TI-TPS40100RGET Datasheet
582Kb / 10P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
More results

Similar Description - TPS40100RGETG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40100 TI-TPS40100 Datasheet
582Kb / 10P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40101 TI-TPS40101 Datasheet
664Kb / 35P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100 TI-TPS40100_15 Datasheet
1Mb / 40P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40101 TI-TPS40101_15 Datasheet
805Kb / 37P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40075 TI1-TPS40075_14 Datasheet
1Mb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074 Datasheet
529Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI1-TPS40074_16 Datasheet
454Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI-TPS40075 Datasheet
809Kb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074_15 Datasheet
999Kb / 42P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_15 Datasheet
1Mb / 45P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com