Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40056PWPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40056PWPR
Description  WIDE-INPUT SYNCHRONOUS, TRACKING BUCK CONTROLLER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40056PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS40056PWPR Datasheet HTML 3Page - Texas Instruments TPS40056PWPR Datasheet HTML 4Page - Texas Instruments TPS40056PWPR Datasheet HTML 5Page - Texas Instruments TPS40056PWPR Datasheet HTML 6Page - Texas Instruments TPS40056PWPR Datasheet HTML 7Page - Texas Instruments TPS40056PWPR Datasheet HTML 8Page - Texas Instruments TPS40056PWPR Datasheet HTML 9Page - Texas Instruments TPS40056PWPR Datasheet HTML 10Page - Texas Instruments TPS40056PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
TPS40056
SLVS612 − APRIL 2006
7
www.ti.com
APPLICATION INFORMATION
The TPS40056 allows the user to optimize the PWM controller to the specific application.
The TPS40056 is the controller of choice for synchronous buck designs, the output of which is required to track
another voltage. It has two quadrant operation and can source or sink output current, providing the best transient
response.
SW NODE RESISTOR AND DIODE
The SW node of the converter will be negative during the dead time when both the upper and lower MOSFETs
are off. The magnitude of this negative voltage is dependent on the lower MOSFET body diode and the output
current which flows during this dead time. This negative voltage could affect the operation of the controller,
especially at low input voltages.
Therefore, a resistor ( 3.3
Ω to 4.7 Ω) and Schottky diode must be placed between the lower MOSFET drain
and pin 12, SW, of the controller as shown in Figure 10. The Schottky diode must have a voltage rating to
accommodate the input voltage and ringing on the SW node of the converter. A 30-V Schottky such as a BAT54
or a 40-V Schottky such as a Zetex ZHCS400 or Vishay SD103AWS are adequate. These components are
shown in Figure 10 as RSW and D2.
SETTING THE SWITCHING FREQUENCY (PROGRAMMING THE CLOCK OSCILLATOR)
The TPS40056 has independent clock oscillator and ramp generator circuits. The clock oscillator serves as the
master clock to the ramp generator circuit. The switching frequency, fSW in kHz, of the clock oscillator is set by
a single resistor (RT) to ground. The clock frequency is related to RT, in kΩ by Equation (1).
R
T +
1
f
SW
17.82
10*6
* 23 kW
UVLO OPERATION
The TPS40056 uses fixed UVLO protection. The fixed UVLO monitors the input voltage. The UVLO circuit holds
the soft-start low until the input voltage has exceeded the undervoltage threshold.
TRACKING CONFIGURATION (VOUT TRACKING VIN)
Setting the output, VOUT to track another voltage, VTRKIN, is simply a matter of selecting the proper voltage
divider(s) R4,R5,R1 and R6 as shown in Figure 1. The voltage on the EA_REF input should be in the range of
0.2 V to 2.5 V. If the output voltage is less than 2.5 V, resistor R6 can be omitted. For example in the DDR case,
if the voltage VTRKIN ramps up to 2.5 V and it is desired to have VOUT to track it and come up to 1.25 V, set R4=R5
and omit R6. In general, the output voltage, VOUT, in terms of VTRKIN and the two voltage dividers is shown
in Equation (2).
V
OUT + VTRKIN
R5
R4
) R5
R6
) R1
R6
V
(1)
(2)


Similar Part No. - TPS40056PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40056PWP TI-TPS40056PWP Datasheet
769Kb / 31P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS, TRACKING BUCK CONTROLLER
More results

Similar Description - TPS40056PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40056 TI-TPS40056 Datasheet
769Kb / 31P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS, TRACKING BUCK CONTROLLER
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com