Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BBS-4 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # BBS-4
Description  BBS 13??2? x 1-3/8? 600Vac fast-acting supplemental fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

BBS-4 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  BBS-4 Datasheet HTML 1Page - Cooper Bussmann, Inc. BBS-4 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 2010
Effective December 2015
Supersedes April 2014
Catalog symbol / color code:
BBS
Black (600Vac max, 1/10 to 6A)
Green (250Vac max, 7 to 10A)
Purple (48Vac max, 12 to 30A)
Description:
Fast-acting supplemental fuse.
For superior protection, Eaton recommends
upgrading to Bussmann series Low-Peak™
Class CC fuses. See data sheet No.1023.
Specifications:
Ratings
Fuse amp
range
Interrupting rating at
system voltage
Agency
information
600
Vac
250
Vac
48
Vac
UL®
CSA®
1/10 to 6 10kA
X
X
7 to 10
10kA
X
X
12 to 30* –
-
* For interrupting rating, contact factory.
Agency information
CE
UL Listed, Std. 248-14 (1/10-6A@600Vac,
7-10A@250Vac), Guide JDYX, File E19180
CSA Certified, C22.2 No. 248.14
(1/10-6A@600Vac, 7-10A@250Vac),
Class 1422-01, File 53787
Catalog numbers (amps)
BBS-1/10
BBS-8/10
BBS-4
BBS-15
BBS-2/10
BBS-1
BBS-5
BBS-20
BBS-1/4
BBS-1-1/2
BBS-6
BBS-25
BBS-4/10
BBS-1-6/10 BBS-7
BBS-30
BBS-1/2
BBS-1-8/10 BBS-8
BBS-6/10
BBS-2
BBS-10
BBS-3/4
BBS-3
BBS-12
Carton quantity
Amps
Qty.
1/10 to 30
10
BBS 13⁄32˝ x 1-3/8˝ 600Vac fast-acting
supplemental fuses
1.38"
(±0.031)
0.41"
(±0.004)
Dimensions - in:
600Vac
1/10 to 6A
250Vac
7 to 10A
48Vac
12 to 30A
BUSSMANN
SERIES
Features:
Color coded for 600Vac (black) 250Vac
(green) and 48Vac (purple) for maximum
voltage ratings
Fiber tube construction
Nickel-plated endcaps.
Typical applications
Control circuits
Gaseous vapor fixtures
HID ballasts
Electronic circuits
Hand-held meters
Recommended fuse blocks/fuse
holders:
Catalog
symbol
Description
Data sheet
No.
Blocks
BMM
1-, 2- and 3-pole
modular blocks with
optional covers
10235
DIN-Rail holders / switches
CHM
1-, 2- and 3-pole
3185
Optima NG
3-pole protection
module
1109
Optima
3-pole holder
1102
Optima
3-pole holder +
switch
1103
Panel mount holders
HPF-L
1-pole holder
2114
HPS-L
1-pole holder
2113
In-line
HEH
1-pole holder
2124
Fuseclips
1A3400, 5956
and 5960
PCB fuseclips
2132
Fuse covers
CVR(I)-CCM(-QC) Finger-safe fuse cover 10235


Similar Part No. - BBS-4

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
BBS-4 COOPER-BBS-4 Datasheet
53Kb / 1P
   Fast-Acting Ferrule Fuses
logo
Eaton All Rights Reserv...
BBS-4 EATON-BBS-4 Datasheet
376Kb / 2P
   BBS 13??2? x 1-3/8? 600Vac fast-acting supplemental fuses
logo
Cooper Bussmann, Inc.
BBS-4/10 COOPER-BBS-4/10 Datasheet
53Kb / 1P
   Fast-Acting Ferrule Fuses
logo
Eaton All Rights Reserv...
BBS-4/10 EATON-BBS-4/10 Datasheet
376Kb / 2P
   BBS 13??2? x 1-3/8? 600Vac fast-acting supplemental fuses
logo
BOSER Technology Co., L...
BBS-4005-F BOSER-BBS-4005-F Datasheet
655Kb / 1P
   Compact PC design
More results

Similar Description - BBS-4

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
BBS EATON-BBS Datasheet
376Kb / 2P
   BBS 13??2? x 1-3/8? 600Vac fast-acting supplemental fuses
logo
Cooper Bussmann, Inc.
KTK-45 COOPER-KTK-45 Datasheet
374Kb / 2P
   13/32 x 1-1/2 600Vac Fast-acting supplemental fuses
KTK-110 COOPER-KTK-110 Datasheet
279Kb / 2P
   KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
logo
Eaton All Rights Reserv...
KTK EATON-KTK Datasheet
279Kb / 2P
   KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
KLM EATON-KLM Datasheet
318Kb / 2P
   KLM 13??2? x 1-1??? 600Vac/dc fast-acting supplemental fuses
logo
Cooper Bussmann, Inc.
KLM-20 COOPER-KLM-20 Datasheet
391Kb / 2P
   13/32 x 1-1/2 600Vac/dc Fast-acting supplemental fuses
KLM-15 COOPER-KLM-15 Datasheet
391Kb / 2P
   13/32 x 1-1/2 600Vac/dc Fast-acting supplemental fuses
KLM-1 COOPER-KLM-1_15 Datasheet
318Kb / 2P
   KLM 13??2? x 1-1??? 600Vac/dc fast-acting supplemental fuses
KLM-8 COOPER-KLM-8 Datasheet
391Kb / 2P
   13/32x 1-1/2 600Vac/dc Fast-acting supplemental fuses
BAF-1 COOPER-BAF-1 Datasheet
270Kb / 2P
   BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com