Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNM-2 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # FNM-2
Description  FNM 13??2? x 1-1??? 250Vac time-delay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FNM-2 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  FNM-2 Datasheet HTML 1Page - Cooper Bussmann, Inc. FNM-2 Datasheet HTML 2Page - Cooper Bussmann, Inc. FNM-2 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FNM
250Vac time-delay supplemental fuses
Technical Data 2028
Effective December 2015
The only controlled copy of this data sheet is the electronic read-only version located on the Eaton network drive. All other copies of this
document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical
information that will help the end user with design applications. Eaton reserves the right, without notice, to change design or construction
of any products and to discontinue or limit distribution of any products. Eaton also reserves the right to change or update, without notice,
any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible
applications.
Eaton, Bussmann and Low-Peak are
valuable trademarks of Eaton in the US
and other countries. You are not permitted
to use the Eaton trademarks without prior
written consent of Eaton.
CSA is a registered trademark of the
Canadian Standards Group.
UL is a registered trademark of the
Underwriters Laboratories, Inc.
Eaton
1000 Eaton Boulevard
Cleveland, OH 44122
United States
Eaton.com
Bussmann Division
114 Old State Road
Ellisville, MO 63021
United States
Eaton.com/bussmannseries
© 2015 Eaton
All Rights Reserved
Printed in USA
Publication No. 2028 – BU-SB14291
December 2015
For Eaton’s Bussmann series
product information,
call 1-855-287-7626 or visit:
Eaton.com/bussmannseries
Follow us on social media to get the
latest product and support information.
Time-current characteristic curves – average melt:
Current in Amps
Amp Rating
Amp rating
Current in amps


Similar Part No. - FNM-2

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FNM-2 EATON-FNM-2 Datasheet
472Kb / 3P
   FNM 13??2? x 1-1??? 250Vac time-delay supplemental fuses
FNM-2 EATON-FNM-2 Datasheet
467Kb / 3P
   FNM 13⁄32˝ x 1-1⁄2˝ 250Vac time-delay supplemental fuses
FNM-2-1/2 EATON-FNM-2-1/2 Datasheet
472Kb / 3P
   FNM 13??2? x 1-1??? 250Vac time-delay supplemental fuses
FNM-2-1/2 EATON-FNM-2-1/2 Datasheet
467Kb / 3P
   FNM 13⁄32˝ x 1-1⁄2˝ 250Vac time-delay supplemental fuses
FNM-2-1/4 EATON-FNM-2-1/4 Datasheet
472Kb / 3P
   FNM 13??2? x 1-1??? 250Vac time-delay supplemental fuses
More results

Similar Description - FNM-2

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FNM EATON-FNM Datasheet
472Kb / 3P
   FNM 13??2? x 1-1??? 250Vac time-delay supplemental fuses
FNM-8 EATON-FNM-8 Datasheet
467Kb / 3P
   FNM 13⁄32˝ x 1-1⁄2˝ 250Vac time-delay supplemental fuses
logo
Cooper Bussmann, Inc.
FNM-3 COOPER-FNM-3 Datasheet
378Kb / 3P
   13/32 x 1-1/2 250Vac Time-delay supplemental fuses
FNM-25 COOPER-FNM-25 Datasheet
378Kb / 3P
   13/32 x 1-1/2 250Vac Time-delay supplemental fuses
logo
Eaton All Rights Reserv...
FNA EATON-FNA Datasheet
342Kb / 2P
   FNA 13??2? x 1-1??? 250Vac pin indicating time-delay supplemental fuses
logo
Cooper Bussmann, Inc.
FNA-20 COOPER-FNA-20 Datasheet
510Kb / 2P
   13/32 x 1-1/2 250Vac Pin indicating time-delay supplemental fuses
FNA-1 COOPER-FNA-1_15 Datasheet
342Kb / 2P
   FNA 13??2? x 1-1??? 250Vac pin indicating time-delay supplemental fuses
logo
List of Unclassifed Man...
FNQ-1 ETC2-FNQ-1 Datasheet
373Kb / 2P
   13??2? x 1-1??? 500Vac Time-delay supplemental fuses
logo
Eaton All Rights Reserv...
FNQ EATON-FNQ Datasheet
551Kb / 2P
   FNQ 13??2? x 1-1??? 500Vac time-delay supplemental fuses
logo
Cooper Bussmann, Inc.
FNQ-110 COOPER-FNQ-110 Datasheet
551Kb / 2P
   FNQ 13??2? x 1-1??? 500Vac time-delay supplemental fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com