Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS5110PW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5110PW
Description  SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5110PW Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS5110PW Datasheet HTML 3Page - Texas Instruments TPS5110PW Datasheet HTML 4Page - Texas Instruments TPS5110PW Datasheet HTML 5Page - Texas Instruments TPS5110PW Datasheet HTML 6Page - Texas Instruments TPS5110PW Datasheet HTML 7Page - Texas Instruments TPS5110PW Datasheet HTML 8Page - Texas Instruments TPS5110PW Datasheet HTML 9Page - Texas Instruments TPS5110PW Datasheet HTML 10Page - Texas Instruments TPS5110PW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
TPS5110
SLVS025B − APRIL 2002 − REVISED JULY 2004
7
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
SOFT START
PWM
SKIP
control
+
+
Delay
Delay
OSC
+
+
+
TIMER
VREF
+
+
Current Limit
+
+
+
Current
Protection
Trigger
+
+
SOFTSTART
FB
INV
CT
PWM_SEL
FLT
STBY
STBY_LDO
REF
INV_LDO
GND
LDO_CUR
LDO_IN
LDO_GATE
REG5V_IN
POWERGOOD
TRIP
VIN_SENSE
OUTGND
OUT_d
LL
OUT_u
LH
Skip Comp.
Err. Amp.
0.85 V
UVLO
Signal
STBY
SOFT
START
PWM Comp.
Current Comp.1
Current Comp.2
INV
INV
INV_LDO
INV_LDO
PG Comp.1
PG Comp.2
PG Comp.3
PG Comp.4
OVP SBRC
OVP LDO
UVP LDO
UVP SBRC
OVP LDO
UVP LDO
0.85 V
UVLO
Signal
UVLO Comp.
Err. Amp.
0.85 V +12 %
0.85 V −35 %
0.85 V +12 %
0.85 V −35 %
0.85 V
0.85 V −7 %
0.85 V +7 %
0.85 V +7 %
0.85 V −7 %
− (VIN_SENSE − TRIP)
UVLO
Signal
STBY_LDO
+
+
+
+
LDO Overshoot
Protection
LDO_OUT
VIN
sense
Clamp
Figure 1. Block Diagram


Similar Part No. - TPS5110PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5110 TI-TPS5110 Datasheet
552Kb / 18P
[Old version datasheet]   3-A SINK/ SOURCE DDR TERMINATION REGULATOR
TPS51100 TI-TPS51100 Datasheet
704Kb / 20P
[Old version datasheet]   3-A SINK/SOURCE DDR TERMINATION REGULATOR
TPS51100DGQ TI-TPS51100DGQ Datasheet
552Kb / 18P
[Old version datasheet]   3-A SINK/ SOURCE DDR TERMINATION REGULATOR
TPS51100DGQ TI-TPS51100DGQ Datasheet
704Kb / 20P
[Old version datasheet]   3-A SINK/SOURCE DDR TERMINATION REGULATOR
TPS51100DGQG4 TI-TPS51100DGQG4 Datasheet
704Kb / 20P
[Old version datasheet]   3-A SINK/SOURCE DDR TERMINATION REGULATOR
More results

Similar Description - TPS5110PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130 TI-TPS5130 Datasheet
314Kb / 28P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI1-TPS5130-Q1 Datasheet
564Kb / 31P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
Microsemi Corporation
NX2309 MICROSEMI-NX2309 Datasheet
444Kb / 16P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER
NX2601 MICROSEMI-NX2601 Datasheet
1,010Kb / 25P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER & 5V BIAS REGULATOR
NX2305 MICROSEMI-NX2305 Datasheet
579Kb / 19P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER, POWER GOOD & ENABLES
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
   Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com