Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA3691 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA3691
Description  Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA3691 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA3691 Datasheet HTML 3Page - Texas Instruments OPA3691 Datasheet HTML 4Page - Texas Instruments OPA3691 Datasheet HTML 5Page - Texas Instruments OPA3691 Datasheet HTML 6Page - Texas Instruments OPA3691 Datasheet HTML 7Page - Texas Instruments OPA3691 Datasheet HTML 8Page - Texas Instruments OPA3691 Datasheet HTML 9Page - Texas Instruments OPA3691 Datasheet HTML 10Page - Texas Instruments OPA3691 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
OPA690
7
SBOS223A
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, (see Figure 1 for AC performance only), unless otherwise noted.
INPUT VOLTAGE AND CURRENT NOISE DENSITY
Frequency (Hz)
100
1M
100k
10k
1k
10M
100
10
1
Voltage Noise 5.5nV/
√Hz
Current Noise 3.1pA/
√Hz
2-TONE, 3RD-ORDER
INTERMODULATION SPURIOUS
Single-Tone Load Power (dBm)
–8
–6
–4
–2
024
6
8
10
–30
–35
–40
–45
–50
–55
–60
–65
–70
–75
20MHz
10MHz
50MHz
Load Power at Matched 50
Ω Load,
see Figure 1
RECOMMENDED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
10
100
1000
80
70
60
50
40
30
20
10
0
LARGE-SIGNAL DISABLE/ENABLE RESPONSE
Time (50ns/div)
2.0
1.6
1.2
0.8
0.4
0
6
4
2
0
G = +2
V
IN = +1V
V
DIS
Output Voltage
Each Channel
SO-14
Package
Only
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (20MHz/div)
0
100
120
140
160
180
20
40
60
80
200
9
6
3
0
–3
–6
–9
402
1k
402
R
S
C
L
V
IN
V
OUT
OPA690
1k
Ω is optional.
C
L = 22pF
C
L = 47pF
C
L = 100pF
C
L = 10pF
G = +2
DISABLE/ENABLE GLITCH
Time (20ns/div)
30
20
10
0
–10
–20
–30
6
4
2
0
V
i = 0V
V
DIS
Output Voltage


Similar Part No. - OPA3691

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3691 TI-OPA3691 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA3691 TI1-OPA3691 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA3691 TI-OPA3691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA3691 TI1-OPA3691 Datasheet
1Mb / 39P
[Old version datasheet]   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIE
logo
Burr-Brown (TI)
OPA3691 BURR-BROWN-OPA3691 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
More results

Similar Description - OPA3691

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA690IDBVTG4 TI1-OPA690IDBVTG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
OPA680 BURR-BROWN-OPA680 Datasheet
235Kb / 21P
   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA2690 BURR-BROWN-OPA2690 Datasheet
487Kb / 30P
   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA2680 TI1-OPA2680 Datasheet
217Kb / 22P
[Old version datasheet]   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA2890 TI-OPA2890_08 Datasheet
815Kb / 35P
[Old version datasheet]   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA890 BURR-BROWN-OPA890 Datasheet
901Kb / 32P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com