Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCP-3-30M Datasheet(PDF) 6 Page - Cooper Bussmann, Inc.

Part # CCP-3-30M
Description  Compact Circuit Protector DIN-Rail fused disconnect switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CCP-3-30M Datasheet(HTML) 6 Page - Cooper Bussmann, Inc.

Back Button CCP-3-30M Datasheet HTML 2Page - Cooper Bussmann, Inc. CCP-3-30M Datasheet HTML 3Page - Cooper Bussmann, Inc. CCP-3-30M Datasheet HTML 4Page - Cooper Bussmann, Inc. CCP-3-30M Datasheet HTML 5Page - Cooper Bussmann, Inc. CCP-3-30M Datasheet HTML 6Page - Cooper Bussmann, Inc. CCP-3-30M Datasheet HTML 7Page - Cooper Bussmann, Inc. CCP-3-30M Datasheet HTML 8Page - Cooper Bussmann, Inc. CCP-3-30M Datasheet HTML 9Page - Cooper Bussmann, Inc. CCP-3-30M Datasheet HTML 10Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Technical Data 1157
Effective March 2016
Compact Circuit Protector (CCP)
UL Class CC, CF (CUBEFuse), midget and IEC 10x38mm
fused disconnect switches
Eaton.com/bussmannseries
Catalog numbers:
Amp
rating
UL
fuse
class
No. of
poles
Volts
SCCR
Max horsepower rating (Vac)*
Wire size/
torque**
Wire
type
Catalog
number
Agency information
120
240
480
600
30
CF
1
600Vac
200kA
1.5
Single/Dual
18-6AWG Sol/Str
Single
4AWG Sol/Str
Spade Terminal
75°C Cu
or higher
CCP-1-30CF
UL 98 Listed, cULus 22 .2, No . 4-04
125Vdc
100kA
30
CF
2
600Vac
200kA
3
CCP-2-30CF
UL 98 Listed, cULus 22 .2, No . 4-04
125Vdc
100kA
30
CF
3
600Vac
200kA
5
15
10
CCP-3-30CF
UL 98 Listed, cULus 22 .2, No . 4-04
60
CF
1
600Vac
200kA
3
CCP-1-60CF
UL 98 Listed, cULus 22 .2, No . 4-04
125Vdc††
100kA
60
CF
2
600Vac
200kA
7.5
CCP-2-60CF
UL 98 Listed, cULus 22 .2, No . 4-04
125Vdc††
100kA
60
CF
3
600Vac
200kA
7.5
20
15
CCP-3-60CF
UL 98 Listed, cULus 22 .2, No . 4-04
100
CF
1
600Vac
200kA
5
Single
8-10AWG Sol/Str
8-1AWG Str
Dual 6AWG Str
Spade Terminal
CCP-1-100CF UL 98 Listed, cULus 22 .2, No . 4-04
125Vdc††† 100kA
100
CF
2
600Vac
200kA
10
CCP-2-100CF UL 98 Listed, cULus 22 .2, No . 4-04
125Vdc††† 100kA
100
CF
3
600Vac
200kA
20
50
40
CCP-3-100CF UL 98 Listed, cULus 22 .2, No . 4-04
*
With time-delay Bussmann series Low-Peak CUBEFuse .
**
30-60A: 18-10AWG 20 Lb-In, 8-6AWG 35 Lb-In, 4AWG 35 Lb-In, 70-100A: 18-10AWG Single 25 Lb-In, 8-1AWG Single 35 Lb-In, 6AWG Dual 45 Lb-In
Fork terminal with a 4.3mm gap for a #8-32 stud, 30A max, insulated flange, wire size 12-10AWG.
††
Up to 40A max .
††† Up to 80A max.
Available Bussmann series fuses:
Fuse class
Type/description
Data sheet No.
CF
Low-Peak time-delay, current
limiting 600Vac/300Vdc
9000
CF
UPS/
fast-acting 600Vac/dc
2147
Dimensions – mm (in)
30 and 60A CUBEFuse CCP
100A CUBEFuse CCP
50.4
(2.0)
25.1
(1.0)
75.7
(3.0)
7.6
(0.3)
113.9
(4.5)
79.5
(3.0)
147.1
(5.8)
50.5
(2.0)
25.15
(1.0)
Switch handle (ganged on 2- and 3-pole versions)
Fuse holder
Circuit
marking
area
Fork
terminal
Box lug
terminal
Open fuse
indicating light
Lockout/
tagout
provision


Similar Part No. - CCP-3-30M

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CCP-3-30CF EATON-CCP-3-30CF Datasheet
2Mb / 12P
   Compact Circuit Protector
More results

Similar Description - CCP-3-30M

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CCD-3-30 COOPER-CCD-3-30 Datasheet
358Kb / 3P
   switch non-fused Compact Circuit Disconnect
TPC-8 COOPER-TPC-8 Datasheet
361Kb / 7P
   Telpower Compact Fused Disconnect Switch
logo
Eaton All Rights Reserv...
CCP EATON-CCP Datasheet
2Mb / 12P
   Compact Circuit Protector
logo
Cooper Bussmann, Inc.
CCPB-1-15CF COOPER-CCPB-1-15CF Datasheet
270Kb / 3P
   Compact Circuit Protector Base
logo
Advantech Co., Ltd.
BB-HESP4DR ADVANTECH-BB-HESP4DR Datasheet
320Kb / 1P
   Three-stage DIN Rail Surge Protector
logo
Eaton All Rights Reserv...
CCP2B EATON-CCP2B Datasheet
1Mb / 6P
   CUBEFuse??Compact Circuit Protector Base
logo
Cooper Bussmann, Inc.
CCPB-1-15CF COOPER-CCPB-1-15CF_16 Datasheet
1Mb / 6P
   CUBEFuseTM Compact Circuit Protector Base (CCPB)
logo
celduc-relais
SILD867170 CELDUC-SILD867170 Datasheet
549Kb / 5P
   Contacteur statique compact sur rail DIN
logo
List of Unclassifed Man...
CCPB-1-15CF ETC1-CCPB-1-15CF Datasheet
1Mb / 6P
   CUBEFuse Compact Circuit Protector Base (CCPB)
SDN-C ETC-SDN-C Datasheet
405Kb / 7P
   SDN-C Compact DIN Rail Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com