Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCP-1-30M Datasheet(PDF) 5 Page - Cooper Bussmann, Inc.

Part # CCP-1-30M
Description  Compact Circuit Protector DIN-Rail fused disconnect switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CCP-1-30M Datasheet(HTML) 5 Page - Cooper Bussmann, Inc.

  CCP-1-30M Datasheet HTML 1Page - Cooper Bussmann, Inc. CCP-1-30M Datasheet HTML 2Page - Cooper Bussmann, Inc. CCP-1-30M Datasheet HTML 3Page - Cooper Bussmann, Inc. CCP-1-30M Datasheet HTML 4Page - Cooper Bussmann, Inc. CCP-1-30M Datasheet HTML 5Page - Cooper Bussmann, Inc. CCP-1-30M Datasheet HTML 6Page - Cooper Bussmann, Inc. CCP-1-30M Datasheet HTML 7Page - Cooper Bussmann, Inc. CCP-1-30M Datasheet HTML 8Page - Cooper Bussmann, Inc. CCP-1-30M Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Technical Data 1157
Effective March 2016
Compact Circuit Protector (CCP)
UL Class CC, CF (CUBEFuse), midget and IEC 10x38mm
fused disconnect switches
Eaton.com/bussmannseries
1-, 2- and 3-Pole — Class CF
Description:
The revolutionary Bussmann series
Compact Circuit Protector (CCP) fused
disconnect switch with CUBEFuse™is 2/3
the footprint of a traditional fusible switch
and provides a high 200kA SCCR that can
help increase assembly SCCR .
Specifications:
Ratings
Volts
600Vac
125Vdc (up to 80A max)
Amps
30, 60, 100A
SCCR
200kA AC
100kA DC (up to 80A max)
Poles
1-, 2-, 3-pole
Agency information
UL 98 Listed, File E302370, Guide WHTY
cULus to CSA Standard 22 .2 No . 4-04, File 302370,
Guide WHTY7
CE
RoHS compliant
Conductors 75°C Cu or higher
30 to 60A CCPs: - Single/dual 18-6AWG solid or stranded
- Single 4AWG solid or stranded
100A CCPs
- Single 10-8AWG solid
- Single 8-1AWG stranded
- Dual 6AWG stranded
Terminals
Single/dual conductor box lug or fork terminal suitable for line,
load or accessory connection
Torque: 0-60A:
- 18-10AWG 20 Lb-In
- 8-6AWG 35Lb-In
- 4AWG 35 Lb-In
70-100A: - 18-10AWG single 25 Lb-In
- 8-1AWG single 40 Lb-In
- 6AWG dual 45 Lb-In
Fuses
Uses finger-safe Class CF Bussmann series CUBEFuse with
Class J performance
Bussmann series Low-Peak™ dual-element, time-delay*
Non-indicating 1-100A
Indicating 6-100A
Fast-acting, non-indicating 1-100A**
* See data sheet No . 9000 .
**See data sheet No . 2147.
Storage and operating temperature
-20°C to 75°C***
*** For fuse performance under or above 25°C, consult fuse performance
derating charts in the Bussmann Division publication titled Selecting
Protective Devices (SPD) No . 3002 .
Flammability rating
UL 94V0
Lockout/tagout provisions
4mm shank lock
Mounting
35mm DIN-Rail
Local open fuse indication minimum voltage
90V
† Open fuse indication requires an open fuse to be in the CCP and the switch
in the ON position .
Accessories
Auxiliary contacts
PLC wired remote fuse indication
Bussmann series CUBEFuse fuse pullers (P/Ns: CFP-30,
CFP-60, CFP-100)
Shipping weight
2 .03 lbs (0 .92kg) per carton
Carton quantity
Six (6) poles
Features:
Uses Class CF finger-safe fast-acting and time-delay
CUBEFuse with Class J electrical performance
Extremely compact design at 25 .4mm (1 inch) wide per pole
Ampacity rejecting disconnects will not accept Bussmann
series CUBEFuse amp ratings greater than switch rating
High Short-Circuit Current Ratings at 200kA
Disconnect rated to provide means for load isolation
Full voltage rated at 600Vac
125Vdc rated up to 80A max
UL 98 Listed and suitable for branch circuit disconnect and
branch circuit protection
1-, 2- and 3-pole versions are horsepower rated
Complies with UL and CSA
Open fuse indication:
Local fuse indication lights are standard
Optional wired remote open fuse indication can be utilized
to signal a PLC and open a contactor to de-energize all
phases, if required
Additional open fuse indication can be provided by the
Bussmann series CUBEFuse
IP20 finger-safe construction with 10AWG (6mm2) wire or
larger
Built-in switch interlock capability prohibits removing the fuse
under load
Padlockable handle for lockout/tagout procedures


Similar Part No. - CCP-1-30M

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CCP-1-30CF EATON-CCP-1-30CF Datasheet
2Mb / 12P
   Compact Circuit Protector
More results

Similar Description - CCP-1-30M

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CCD-3-30 COOPER-CCD-3-30 Datasheet
358Kb / 3P
   switch non-fused Compact Circuit Disconnect
TPC-8 COOPER-TPC-8 Datasheet
361Kb / 7P
   Telpower Compact Fused Disconnect Switch
logo
Eaton All Rights Reserv...
CCP EATON-CCP Datasheet
2Mb / 12P
   Compact Circuit Protector
logo
Cooper Bussmann, Inc.
CCPB-1-15CF COOPER-CCPB-1-15CF Datasheet
270Kb / 3P
   Compact Circuit Protector Base
logo
Advantech Co., Ltd.
BB-HESP4DR ADVANTECH-BB-HESP4DR Datasheet
320Kb / 1P
   Three-stage DIN Rail Surge Protector
logo
Eaton All Rights Reserv...
CCP2B EATON-CCP2B Datasheet
1Mb / 6P
   CUBEFuse??Compact Circuit Protector Base
logo
Cooper Bussmann, Inc.
CCPB-1-15CF COOPER-CCPB-1-15CF_16 Datasheet
1Mb / 6P
   CUBEFuseTM Compact Circuit Protector Base (CCPB)
logo
celduc-relais
SILD867170 CELDUC-SILD867170 Datasheet
549Kb / 5P
   Contacteur statique compact sur rail DIN
logo
List of Unclassifed Man...
CCPB-1-15CF ETC1-CCPB-1-15CF Datasheet
1Mb / 6P
   CUBEFuse Compact Circuit Protector Base (CCPB)
SDN-C ETC-SDN-C Datasheet
405Kb / 7P
   SDN-C Compact DIN Rail Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com