Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5515DC-T1-E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SI5515DC-T1-E3
Description  Complementary 20-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5515DC-T1-E3 Datasheet(HTML) 7 Page - Vishay Siliconix

  SI5515DC-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI5515DC-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI5515DC-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI5515DC-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI5515DC-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI5515DC-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI5515DC-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI5515DC-T1-E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Si5515DC
Vishay Siliconix
Document Number: 72221
S-41167—Rev. B, 14-Jun-04
www.vishay.com
7
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
P-CHANNEL
0
30
50
10
20
Single Pulse Power
Time (sec)
40
1
100
600
10
10−1
10−2
10−4 10−3
10−3
10−2
1
10
600
10−1
10−4
100
−0.2
−0.1
0.0
0.1
0.2
0.3
0.4
−50
−25
0
25
50
75
100
125
150
ID = 250 mA
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Threshold Voltage
TJ − Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 90_C/W
3. TJM − TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Safe Operating Area
VDS − Drain-to-Source Voltage (V)
100
1
0.1
1
10
100
0.01
10
TA = 25_C
Single Pulse
P(t) = 10
dc
0.1
IDM Limited
ID(on)
Limited
rDS(on) Limited
BVDSS Limited
P(t) = 1
P(t) = 0.1
P(t) = 0.01
P(t) = 0.001
P(t) = 0.0001


Similar Part No. - SI5515DC-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5515DC VISHAY-SI5515DC Datasheet
272Kb / 13P
   Complementary 20 V (D-S) MOSFET
08-Feb-17
SI5515DC VISHAY-SI5515DC_V01 Datasheet
272Kb / 13P
   Complementary 20 V (D-S) MOSFET
08-Feb-17
More results

Similar Description - SI5515DC-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5515DC VISHAY-SI5515DC_V01 Datasheet
272Kb / 13P
   Complementary 20 V (D-S) MOSFET
08-Feb-17
SI1551DL VISHAY-SI1551DL_08 Datasheet
109Kb / 8P
   Complementary 20-V (D-S) MOSFET
S-42353-Rev. C, 20-Dec-04
SI1551DL VISHAY-SI1551DL Datasheet
62Kb / 7P
   Complementary 20-V (D-S) MOSFET
Rev. B, 12-Aug-02
SI5513DC VISHAY-SI5513DC Datasheet
83Kb / 7P
   Complementary 20-V (D-S) MOSFET
Rev. F, 15-Nov-04
SI1551DL VISHAY-SI1551DL_05 Datasheet
313Kb / 5P
   Complementary 20-V (D-S) MOSFET
Rev. B, 28-Feb-05
SI1551DL VISHAY-SI1551DL_10 Datasheet
238Kb / 12P
   Complementary 20 V (D-S) MOSFET
Rev. D, 19-Apr-10
logo
Guangdong Kexin Industr...
KI1551DL KEXIN-KI1551DL Datasheet
55Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI1553DL KEXIN-KI1553DL Datasheet
55Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI5515DC KEXIN-KI5515DC Datasheet
69Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI5513DC KEXIN-KI5513DC Datasheet
70Kb / 2P
   Complementary 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com