Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40003DGQG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40003DGQG4
Description  LOW-INPUT VOLTAGE-MODE SYN CHRONOUS BUCK CONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40003DGQG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS40003DGQG4 Datasheet HTML 7Page - Texas Instruments TPS40003DGQG4 Datasheet HTML 8Page - Texas Instruments TPS40003DGQG4 Datasheet HTML 9Page - Texas Instruments TPS40003DGQG4 Datasheet HTML 10Page - Texas Instruments TPS40003DGQG4 Datasheet HTML 11Page - Texas Instruments TPS40003DGQG4 Datasheet HTML 12Page - Texas Instruments TPS40003DGQG4 Datasheet HTML 13Page - Texas Instruments TPS40003DGQG4 Datasheet HTML 14Page - Texas Instruments TPS40003DGQG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TPS40000, TPS40001
TPS40002, TPS40003
TPS40004, TPS40005
SLUS507D − JANUARY 2002 − REVISED NOVEMBER 2005
11
www.ti.com
APPLICATION INFORMATION
detailed description
During each switching cycle, a comparator looks at the voltage across the top side MOSFET while it is on. This
comparator is enabled after the SW node reaches a voltage greater than (VDD−1.2 V) followed by a 100-ns
blanking time. If the voltage across that MOSFET exceeds a programmable threshold voltage, the
current-switching pulse is terminated and a 3-bit counter is incremented by one count. If, during the switching
cycle, the topside MOSFET voltage does not exceed a preset threshold, then this counter is decremented by
one count. (The counter does not wrap around from 7 to 0 or from 0 to 7). If the counter reaches a full count
of 7, the device declares that a fault condition exists at the output of the converter. In this fault state, HDRV is
turned off and LDRV is turned on and the soft-start capacitor is discharged. The counter is decremented by one
by the soft start capacitor (CSS) discharge. When the soft-start capacitor is fully discharged, the discharging
circuit is turned off and the capacitor is allowed to charge up at the nominal charging rate. When the soft-start
capacitor reaches about 700 mV, it is discharged again and the overcurrent counter is decremented by one
count. The capacitor is charged and discharged, and the counter decremented until the count reaches zero (a
total of six times). When this happens, the outputs are again enabled as the soft-start capacitor generates a
reference ramp for the converter to follow while attempting to restart.
During this soft-start interval (whether or not the controller is attempting to do a fault recovery or starting for the
first time), pulse-by-pulse current limiting is in effect, but overcurrent pulses are not counted to declare a fault
until the soft-start cycle has been completed. It is possible to have a supply attempt to bring up a short circuit
for the duration of the soft start period plus seven switching cycles. Power stage designs should take this into
account if it makes a difference thermally. Figure 3 shows the details of the overcurrent operation.
UDG−01145
0V
VTS
Overcurrent
Cycle
Normal
Cycle
Internal PWM
External
Main Drive
Overcurrent
Threshold
Voltage
(+)
VTS
(−)
Figure 3. Switch Node Waveforms for Synchronous Buck Converter


Similar Part No. - TPS40003DGQG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40003DGQG4 TI-TPS40003DGQG4 Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40003DGQG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40000 TI-TPS40000_15 Datasheet
983Kb / 27P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000 TI-TPS40000 Datasheet
292Kb / 20P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000DGQR TI-TPS40000DGQR Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40020 TI1-TPS40020_16 Datasheet
938Kb / 34P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_16 Datasheet
1Mb / 33P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_17 Datasheet
1Mb / 39P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40020 TI-TPS40020 Datasheet
411Kb / 32P
[Old version datasheet]   ENHANCED LOW INPUT VOLTAGE MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI-TPS40021-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
logo
Global Mixed-mode Techn...
G5217 GMT-G5217 Datasheet
76Kb / 1P
   24V Input Voltage-Mode Buck PWM Controller
G5207 GMT-G5207 Datasheet
354Kb / 1P
   24V Input Voltage-Mode Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com