Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS25944ARVCT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25944ARVCT
Description  5A eFuse Power MUX with Multiple Protection Modes
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25944ARVCT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS25944ARVCT Datasheet HTML 3Page - Texas Instruments TPS25944ARVCT Datasheet HTML 4Page - Texas Instruments TPS25944ARVCT Datasheet HTML 5Page - Texas Instruments TPS25944ARVCT Datasheet HTML 6Page - Texas Instruments TPS25944ARVCT Datasheet HTML 7Page - Texas Instruments TPS25944ARVCT Datasheet HTML 8Page - Texas Instruments TPS25944ARVCT Datasheet HTML 9Page - Texas Instruments TPS25944ARVCT Datasheet HTML 10Page - Texas Instruments TPS25944ARVCT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
TPS25942A, TPS25942L, TPS25944A, TPS25944L
www.ti.com
SLVSCE9A – JUNE 2014 – REVISED MARCH 2015
Electrical Characteristics (continued)
Conditions are –40°C
≤ TJ = TA ≤ 125°C, 2.7 V ≤ V(IN) ≤ 18 V, V(EN/UVLO) = 2 V, V(OVP) = V(DMODE) = V(PGTH) = 0 V, R(ILIM) = 150
k
Ω, C(OUT) = 1 µF, C(dVdT) = OPEN, PGOOD = FLT = IMON = OPEN. Positive current into terminals. All voltages referenced to
GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
R(ILIM) = 42.2 kΩ, V(VIN) = 12 V, (V(IN) - V(OUT)) = 5 V
1.91
2.07
2.24
R(ILIM) = 24.9 kΩ, V(VIN) = 12 V, (V(IN) - V(OUT)) = 5 V
3.21
3.49
3.77
I(OS)
Short-circuit current limit
A
R(ILIM) = 16.9 kΩ, V(VIN) = 12 V, (V(IN) - V(OUT))= 5 V,
4.7
5.11
5.52
-40°C
≤ TJ ≤ 85°C
1.5 x I(LIM) +
I(FASTRIP)
Fast-Trip comparator threshold(1)(2)
A
0.375
CURRENT MONITOR OUTPUT (IMON)
GAIN(IMON)
Gain Factor I(IMON):I(OUT)
1 A
≤ I(OUT) ≤ 5 A
47.78
52.3
57.23
µA/A
MOSFET – POWER SWITCH
RON
IN to OUT - ON Resistance
1 A
≤ I(OUT) ≤ 5 A, TJ = 25°C
34
42
49
1 A
≤ I(OUT) ≤ 5 A, -40°C ≤ TJ ≤ 85°C
26
42
58
m
Ω
1 A
≤ I(OUT) ≤ 5 A, -40°C ≤ TJ ≤ 125°C
26
42
64
PASS FET OUTPUT (OUT)
V(IN) = 18 V, V(EN/UVLO) = 0 V, V(OUT) = 0 V (Sourcing)
–2
0
2
Ilkg(OUT)
OUT leakage current in off state
µA
V(IN) = 2.7 V, V(EN/UVLO) = 0 V, V(OUT) = 18 V (Sinking)
6
13
20
V(IN) -V(OUT) threshold for reverse
V(REVTH)
–15
-9.3
–3
mV
protection comparator, falling
V(IN) -V(OUT) threshold for reverse
V(FWDTH)
86
100
114
mV
protection comparator, rising
FAULT FLAG (FLT): ACTIVE LOW
R(FLT)
FLT internal pull-down resistance
V(OVP) = 2 V, I(FLT) = 5 mA sinking
10
18
30
Ω
I(FLT)
FLT input leakage current
0 V
≤ V(FLT) ≤ 18 V
–1
0
1
µA
POSITIVE INPUT for POWER-GOOD COMPARATOR (PGTH)
V(PGTHR)
PGTH threshold voltage, rising
0.97
0.99
1.01
V
V(PGTHF)
PGTH threshold voltage, falling
0.9
0.92
0.94
V
I(PGTH)
PGTH input leakage current
0 V
≤ V(PGTH) ≤ 18 V
–100
0
100
nA
POWER-GOOD COMPARATOR OUTPUT (PGOOD): ACTIVE HIGH
PGOOD internal pull-down
R(PGOOD)
V(PGTH) = 0V, I(PGOOD) = 5 mA sinking
10
20
35
Ω
resistance
I(PGOOD)
PGOOD input leakage current
0 V
≤ V(PGOOD) ≤ 18 V
–1
0
1
µA
THERMAL SHUT DOWN (TSD)
T(TSD)
TSD Threshold(1)
160
°C
T(TSDhys)
TSD Hysteresis(1)
12
°C
TPS25942L, TPS25944L
LATCHED
Thermal Fault: (Latched or Auto-
AUTO-
Retry)
TPS25942A, TPS25944A
RETRY
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS25942A TPS25942L TPS25944A TPS25944L


Similar Part No. - TPS25944ARVCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25940 TI1-TPS25940 Datasheet
2Mb / 47P
[Old version datasheet]   18V eFuse with True Reverse Blocking and DevSleep Support for SSDs
TPS25940 TI1-TPS25940 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940 TI-TPS25940 Datasheet
3Mb / 50P
[Old version datasheet]   TPS25940x-Q1 2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   18-V eFuse with Integrated Short-to-Battery Protection
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
More results

Similar Description - TPS25944ARVCT

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4921QI ACTIVE-SEMI-ACT4921QI Datasheet
3Mb / 35P
   Power Loss Protection with 6A eFuse
Rev 1.0, 18-Jan-2018
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
logo
STMicroelectronics
MP23DB01HP STMICROELECTRONICS-MP23DB01HP Datasheet
710Kb / 15P
   digital microphone with multiple performance modes
July 2020 Rev 2
logo
Omron Electronics LLC
H3YN-2-DC24 OMRON-H3YN-2-DC24 Datasheet
1Mb / 14P
   Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
logo
Knowles Electronics
SPH1668LM4H-1 KNOWLES-SPH1668LM4H-1 Datasheet
798Kb / 14P
   Digital Zero-Height SiSonicTM Microphone With Multiple Performance Modes
logo
STMicroelectronics
MP23DB02MM STMICROELECTRONICS-MP23DB02MM Datasheet
1Mb / 15P
   MEMS audio sensor: digital microphone with multiple performance modes
March 2022 Rev 3
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
   18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
logo
Omron Electronics LLC
H3YN OMRON-H3YN Datasheet
396Kb / 12P
   Solid-state Timer (Miniature Timer with Multiple Time Ranges and Multiple Operating Modes)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com