Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS25940 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25940
Description  18V eFuse with True Reverse Blocking and DevSleep Support for SSDs
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25940 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS25940 Datasheet HTML 7Page - Texas Instruments TPS25940 Datasheet HTML 8Page - Texas Instruments TPS25940 Datasheet HTML 9Page - Texas Instruments TPS25940 Datasheet HTML 10Page - Texas Instruments TPS25940 Datasheet HTML 11Page - Texas Instruments TPS25940 Datasheet HTML 12Page - Texas Instruments TPS25940 Datasheet HTML 13Page - Texas Instruments TPS25940 Datasheet HTML 14Page - Texas Instruments TPS25940 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
Temperature (GC)
-50
-20
10
40
70
100
130
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0
1
2
3
4
5
6
7
8
9
0
1
2
3
4
5
6
Current Limit I
(LIM) (A)
C014
0.40
0.45
0.50
0.55
0.60
0.65
0.70
±50
0
50
100
150
Temperature (
oC)
R(ILIM) = Short
R(ILIM) = Open
C014
R
(ILIM) = Short
R
(ILIM) = Open
0.65
0.66
0.67
0.68
0.69
0.70
±50
±20
10
40
70
100
130
Temperature (oC)
C014
-2.0%
-1.5%
-1.0%
-0.5%
0.0%
0.5%
1.0%
1.5%
2.0%
-50
0
50
100
150
Temperature (
oC)
150 k
88.6 k
42.4 k
24.9 k
16.9 k
C014
-3.0%
-2.5%
-2.0%
-1.5%
-1.0%
-0.5%
0.0%
0.5%
0
2
4
6
8
10
12
V
(IN) - V(OUT) (V)
I(OV) = 1.0A
I(OV) = 2.1A
I(OV) = 3.6A
I(OV) = 5.3A
C014
I
(LIM) = 5.3 A
I
(LIM) = 3.6 A
I
(LIM) = 2.1 A
I
(LIM) = 1.0 A
TPS25940A, TPS25940L
www.ti.com
SLVSCF3A – JUNE 2014 – REVISED MARCH 2015
Typical Characteristics (continued)
Conditions are –40°C
≤ TA = TJ ≤ 125°C, V(IN) = 12 V, V(EN/UVLO) = 2 V, V(OVP) = V(DEVSLP) = V(PGTH) = 0 V, R(ILIM) = 150 kΩ,
C(OUT) = 1 µF, C(dVdT) = OPEN, PGOOD = FLT = IMON = OPEN. (unless stated otherwise)
Thermal shutdown occurs when I(LIM) = 5.3 A
and [V(IN) - V(OUT)] > 8 V
Figure 19. Current Limit (% Normalized) vs R(LIMIT) Resistor
Figure 20. Current Limit Normalized (%) vs V(IN) - V(OUT)
Figure 22. Current Limit in DevSleep Mode vs Temperature
Figure 21. Current Limit for R(ILIM) = Open and Short vs
Temperature
Figure 23. Fast Trip Threshold vs Current Limit
Figure 24. IMON Offset vs Temperature
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS25940A TPS25940L


Similar Part No. - TPS25940

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25940 TI1-TPS25940 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940 TI-TPS25940 Datasheet
3Mb / 50P
[Old version datasheet]   TPS25940x-Q1 2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   18-V eFuse with Integrated Short-to-Battery Protection
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940-Q1 TI-TPS25940-Q1 Datasheet
3Mb / 50P
[Old version datasheet]   TPS25940x-Q1 2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
More results

Similar Description - TPS25940

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LS2406ERQ23 LITTELFUSE-LS2406ERQ23 Datasheet
1Mb / 14P
   28V, 6A eFuse with True Reverse Blocking and Fast Role Swap
GD. 09/26/22
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
logo
Texas Instruments
TPS25948 TI-TPS25948 Datasheet
4Mb / 56P
[Old version datasheet]   TPS25948xx 3.5-V–23-V, 13-mΩ, 8-A eFuse With True Reverse Current Blocking
FEBRUARY 2023
TPS25947 TI-TPS25947_V01 Datasheet
7Mb / 65P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947_V02 Datasheet
6Mb / 71P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521_V01 Datasheet
4Mb / 48P
[Old version datasheet]   TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521 Datasheet
4Mb / 47P
[Old version datasheet]   TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947 Datasheet
7Mb / 62P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
logo
Vishay Siliconix
SIP32433 VISHAY-SIP32433_V01 Datasheet
640Kb / 22P
   3.5 A, 78 m, 2.8 V to 23 V True Reverse Current Blocking eFuse With Programmable Current Limit and OVP
15-Aug-2022
logo
Toshiba Semiconductor
TCK2291XG TOSHIBA-TCK2291XG Datasheet
701Kb / 15P
   2A Load Switch IC with True Reverse Current Blocking
2021-02-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com