Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS25940AQRVCRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25940AQRVCRQ1
Description  18-V eFuse with Integrated Short-to-Battery Protection
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25940AQRVCRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS25940AQRVCRQ1 Datasheet HTML 6Page - Texas Instruments TPS25940AQRVCRQ1 Datasheet HTML 7Page - Texas Instruments TPS25940AQRVCRQ1 Datasheet HTML 8Page - Texas Instruments TPS25940AQRVCRQ1 Datasheet HTML 9Page - Texas Instruments TPS25940AQRVCRQ1 Datasheet HTML 10Page - Texas Instruments TPS25940AQRVCRQ1 Datasheet HTML 11Page - Texas Instruments TPS25940AQRVCRQ1 Datasheet HTML 12Page - Texas Instruments TPS25940AQRVCRQ1 Datasheet HTML 13Page - Texas Instruments TPS25940AQRVCRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Temperature (qC)
-50
0
50
100
150
200
0
1
2
3
4
5
6
D030
150 k:
88.6 k:
42.4 k:
20 k:
16.9 k:
7.5
8.0
8.5
9.0
9.5
0
1
2
3
4
5
6
Current Limit(A)
C014
0
1
10
100
1000
1
10
100
1000
C
(dVdT) (nF)
C014
0
1
10
10
100
R
(ILIM) Resistor (k:)
C014
0.9
1.0
1.1
1.2
±50
±20
10
40
70
100
130
Temperature (oC)
C014
11.82
11.83
11.84
11.85
11.86
11.87
11.88
11.89
11.90
±50
±20
10
40
70
100
130
Temperature (oC)
C014
10
TPS25940-Q1
SLVSDJ0A – MAY 2016 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TPS25940-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Conditions are –40°C
≤ TA = TJ ≤ 125°C, V(IN) = 12 V, V(EN/UVLO) = 2 V, V(OVP) = V(DEVSLP) = V(PGTH) = 0 V, R(ILIM) = 150 kΩ,
C(OUT) = 1 µF, C(dVdT) = OPEN, PGOOD = FLT = IMON = OPEN. (unless stated otherwise)
Figure 15. DEVSLP Pull Down Current vs Temperature
Figure 16. GAIN(dVdT) vs Temperature
Figure 17. Output Ramp Time vs C(dVdT)
Figure 18. Current Limit vs Current Limit Resistor
Figure 19. Current Limit Accuracy vs Current Limit
Figure 20. Current Limit vs Temperature Across R(ILIM)


Similar Part No. - TPS25940AQRVCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25940AQRVCRQ1 TI1-TPS25940AQRVCRQ1 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940AQRVCRQ1 TI-TPS25940AQRVCRQ1 Datasheet
3Mb / 50P
[Old version datasheet]   TPS25940x-Q1 2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
More results

Similar Description - TPS25940AQRVCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25940-Q1 TI1-TPS25940-Q1_18 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940-Q1 TI-TPS25940-Q1_V01 Datasheet
3Mb / 50P
[Old version datasheet]   TPS25940x-Q1 2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS2592ZA TI1-TPS2592ZA Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V eFuse with Blocking FET Control
logo
ON Semiconductor
NIV2161 ONSEMI-NIV2161_V01 Datasheet
264Kb / 9P
   ESD Protection with Automotive Short-to-Battery & Ground Protection
November, 2018 - Rev. 3
logo
Texas Instruments
TPS259270 TI1-TPS259270 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18-V eFuse with Blocking FET Control
TPS2595 TI1-TPS2595 Datasheet
5Mb / 48P
[Old version datasheet]   2.7 V to 18 V, 4-A, 34-m(ohm) eFuse With Fast Overvoltage Protection
TPS2662 TI1-TPS2662_18 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 800-mA Industrial eFuse with Integrated Reverse Polarity Protection
logo
Maxim Integrated Produc...
MAX9532 MAXIM-MAX9532 Datasheet
406Kb / 12P
   DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 0; 2/09
logo
ON Semiconductor
NIX1161 ONSEMI-NIX1161 Datasheet
246Kb / 9P
   ESD Protection with Automotive Short-to-Battery Blocking
August, 2020 ??Rev. 6
logo
Maxim Integrated Produc...
MAX9532 MAXIM-MAX9532_11 Datasheet
407Kb / 13P
   DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 2; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com