Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3838K33DBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3838K33DBVT
Description  NanoPower Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3838K33DBVT Datasheet(HTML) 4 Page - Texas Instruments

  TPS3838K33DBVT Datasheet HTML 1Page - Texas Instruments TPS3838K33DBVT Datasheet HTML 2Page - Texas Instruments TPS3838K33DBVT Datasheet HTML 3Page - Texas Instruments TPS3838K33DBVT Datasheet HTML 4Page - Texas Instruments TPS3838K33DBVT Datasheet HTML 5Page - Texas Instruments TPS3838K33DBVT Datasheet HTML 6Page - Texas Instruments TPS3838K33DBVT Datasheet HTML 7Page - Texas Instruments TPS3838K33DBVT Datasheet HTML 8Page - Texas Instruments TPS3838K33DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TPS3836
TPS3837
TPS3838
SLVS292E – JUNE 2000 – REVISED OCTOBER 2010
www.ti.com
SWITCHING CHARACTERISTICS
At TA = +25°C, RL = 1 MΩ, and CL = 50 pF, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD ≥ VIT + 0.2 V, MR = 0.7 × VDD,
5
10
15
CT = GND, (See Timing Diagram)
tD
Delay time
ms
VDD ≥ VIT + 0.2 V, MR = 0.7 × VDD,
100
200
300
CT = VDD, (See Timing Diagram)
VDD to RESET
VIL = VIT – 0.2 V, VIH = VIT + 0.2 V
10
Propagation (delay) time,
tPHL
delay (TPS3836,
ms
high-to-low-level output
VIL = 1.6 V
50
TPS3838)
VIL = VIT – 0.2 V, VIH = VIT + 0.2 V
10
Propagation (delay) time,
VDD to RESET
tPLH
ms
low-to-high-level output
delay (TPS3837)
VIL = 1.6 V
50
MR to RESET
Propagation (delay) time,
VDD ≥ VIT + 0.2 V, VIL = 0.3 × VDD, VIL
tPHL
delay (TPS3836,
0.1
ms
high-to-low-level output
= 0.7 × VDD
TPS3838)
Propagation (delay) time,
MR to RESET
VDD ≥ VIT + 0.2 V, VIL = 0.3 × VDD,
tPLH
0.1
ms
low-to-high-level output
delay (TPS3837)
VIL = 0.7 × VDD
TIMING REQUIREMENTS
At TA = +25°C, RL = 1 MΩ, and CL = 50 pF, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
at VDD
VIH = VIT + 0.2 V, VIL = VIT – 0.2 V
6
tW
Pulse width
ms
at MR
VDD ≥ VIT + 0.2 V, VIL = 0.3 × VDD, VIH = 0.7 × VDD
1
4
Submit Documentation Feedback
Copyright © 2000–2010, Texas Instruments Incorporated


Similar Part No. - TPS3838K33DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3838K33DBVT TI-TPS3838K33DBVT Datasheet
173Kb / 11P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
More results

Similar Description - TPS3838K33DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3836E18 TI-TPS3836E18 Datasheet
173Kb / 11P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3836E18-EP TI1-TPS3836E18-EP_16 Datasheet
789Kb / 16P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3836E18-EP TI-TPS3836E18-EP Datasheet
400Kb / 15P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
logo
ON Semiconductor
CAT8836 ONSEMI-CAT8836 Datasheet
113Kb / 7P
   NanoPower Supervisory Circuit
January, 2011 ??Rev. 0
logo
Maxim Integrated Produc...
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX16056 MAXIM-MAX16056_V01 Datasheet
695Kb / 17P
   125nA nanoPower Supervisory Circuits with Capacitor-Adjustable Reset and Watchdog Timeouts
2021
logo
Texas Instruments
TPS3836E18-Q1 TI-TPS3836E18-Q1 Datasheet
230Kb / 13P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com