Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3838K33DBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3838K33DBVR
Description  NanoPower Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3838K33DBVR Datasheet(HTML) 3 Page - Texas Instruments

  TPS3838K33DBVR Datasheet HTML 1Page - Texas Instruments TPS3838K33DBVR Datasheet HTML 2Page - Texas Instruments TPS3838K33DBVR Datasheet HTML 3Page - Texas Instruments TPS3838K33DBVR Datasheet HTML 4Page - Texas Instruments TPS3838K33DBVR Datasheet HTML 5Page - Texas Instruments TPS3838K33DBVR Datasheet HTML 6Page - Texas Instruments TPS3838K33DBVR Datasheet HTML 7Page - Texas Instruments TPS3838K33DBVR Datasheet HTML 8Page - Texas Instruments TPS3838K33DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Pull-up
50 A
V
TPS3836
TPS3837
TPS3838
www.ti.com
SLVS292E – JUNE 2000 – REVISED OCTOBER 2010
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Supply voltage, VDD
1.6
6
V
Voltage range, CT, MR, RESET, and RESET pins
0
VDD + 0.3
V
High-level input voltage, VIH
0.7 × VDD
V
Low-level input voltage, VIL
0.3 × VDD
V
Input transition rise and fall rate at MR,
Δt/ΔV
100
ns/V
Operating temperature range, TA
–40
+85
°C
Pull-up resistor value, RESET pin (TPS3838 only)
Ω
ELECTRICAL CHARACTERISTICS
Over recommended operating conditions, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESET
VDD = 3.3 V, IOH = –2 mA
(TPS3836)
VDD = 6 V, IOH = –3 mA
VOH
High-level output voltage
0.8 × VDD
V
RESET
VDD = 1.8 V, IOH = –1 mA
(TPS3837)
VDD = 3.3 V, IOL = –2 mA
RESET
VDD = 1.8 V, IOL = 1 mA
(TPS3836,
VDD = 3.3 V, IOL = 2 mA
TPS3838)
VOL
Low-level output voltage
0.4
V
RESET
VDD = 3.3 V, IOL = 2 mA
(TPS3837)
VDD = 6 V, IOL = 3 mA
TPS3836,
VDD ≥ 1.1 V, IOL = 50 mA
0.2
V
TPS3838
Power-up reset voltage(1)
TPS3837
VDD ≥ 1.1 V, IOL = –50 mA
0.8 × VDD
V
TPS383xE18
1.66
1.71
1.74
TPS383xJ25
2.18
2.25
2.29
Negative-going input threshold
VIT
TPS383xH30
TA = –40°C to +85°C
2.70
2.79
2.85
V
voltage(2)
TPS383xL30
2.56
2.64
2.69
TPS383xK33
2.84
2.93
2.99
1.7 V < VIT < 2.5 V
30
VHYS
Hysteresis at VDD input
2.5 V < VIT < 3.5 V
40
mV
3.5 V < VIT < 5 V
50
MR (3)
MR = 0.7 × VDD, VDD = 6 V
–40
–60
–100
mA
IIH
High-level input current
CT
CT = VDD = 6 V
–25
+25
nA
MR (3)
MR = 0 V, VDD = 6 V
–130
–200
–340
mA
IIL
Low-level input current
CT
CT = 0 V, VDD = 6 V
–25
+25
nA
IOH
High-level output current
TPS3838
VDD = VIT + 0.2 V, VOH = VDD
25
nA
VDD > VIT, VDD < 3 V
220
400
nA
IDD
Supply current
VDD > VIT, VDD > 3 V
250
450
VDD < VIT
10
15
mA
Internal pull-up resistor at MR
30
k
CI
Input capacitance at MR and CT
VI = 0 V to VDD
5
pF
(1)
The lowest voltage at which the RESET output becomes active. tR, VDD ≥ 15 ms/V.
(2)
To ensure best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1 mF) should be placed near the supply terminal.
(3)
If manual reset is unused, MR should be connected to VDD to minimize current consumption.
Copyright © 2000–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TPS3838K33DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3838K33DBVR TI-TPS3838K33DBVR Datasheet
173Kb / 11P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
More results

Similar Description - TPS3838K33DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3836E18 TI-TPS3836E18 Datasheet
173Kb / 11P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3836E18-EP TI1-TPS3836E18-EP_16 Datasheet
789Kb / 16P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3836E18-EP TI-TPS3836E18-EP Datasheet
400Kb / 15P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
logo
ON Semiconductor
CAT8836 ONSEMI-CAT8836 Datasheet
113Kb / 7P
   NanoPower Supervisory Circuit
January, 2011 ??Rev. 0
logo
Maxim Integrated Produc...
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX16056 MAXIM-MAX16056_V01 Datasheet
695Kb / 17P
   125nA nanoPower Supervisory Circuits with Capacitor-Adjustable Reset and Watchdog Timeouts
2021
logo
Texas Instruments
TPS3836E18-Q1 TI-TPS3836E18-Q1 Datasheet
230Kb / 13P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com