Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3825-33DBVRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3825-33DBVRG4
Description  Voltage Monitor With Watchdog Timer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3825-33DBVRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3825-33DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS3825-33DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS3825-33DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS3825-33DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS3825-33DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS3825-33DBVRG4 Datasheet HTML 9Page - Texas Instruments TPS3825-33DBVRG4 Datasheet HTML 10Page - Texas Instruments TPS3825-33DBVRG4 Datasheet HTML 11Page - Texas Instruments TPS3825-33DBVRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
0
−50
IOH − High-Level Output Current − A
µ
VDD = 3.2 V
WDI = Open
MR = Open
−40 C
°
85 C
°
−100
−150
−200
−250
3
2.5
2
1.5
1
0.5
0
3.5
0
IOH − High-Level Output Current − A
µ
VDD = 5.5 V
WDI = Open
MR = Open
−40 C
°
85 C
°
−100
−200
−300
−400
6
5
4
3
2
1
0
−500
−600
−700
−50
−150
V −
I
Input Voltage at MR − V
−200
50
0
85 C
°
−100
−40 C
°
VDD = 5.5 V
WDI = Open
−1
0
1
2
3
4
6
5
0
3
2.5
2
1.5
1
IOL − Low-Level Output Current − mA
1
0.5
0
VDD = 2.66 V
WDI = Open
MR = Open
−40 C
°
85 C
°
2
3
4
5
6
7
8
9
10
−40
1.001
1
0.999
0.998
−15
10
35
TA − Free-Air Temperature − C
°
0.997
0.996
0.995
60
85
−0.5
19
7
5
0.5
1.5
2.5
3.5
VDD − Supply Voltage − V
3
1
−1
4.5
6.5
MR = Open
WDI = Open
TA = 25°C
11
9
5.5
13
17
15
TPS382x-33
TPS3820, TPS3823, TPS3823A, TPS3824, TPS3825, TPS3828
SLVS165K – APRIL 1998 – REVISED NOVEMBER 2015
www.ti.com
7.8 Typical Characteristics
Figure 3. Supply Current vs Supply Voltage
Figure 2. Normalized Input Threshold Voltage vs Free-Air
Temperature at VDD
Figure 4. Input Current vs Input Voltage at MR
Figure 5. Low-Level Output Voltage vs Low-Level Output
Current
Figure 6. High-Level Output Voltage vs High-Level Output
Figure 7. High-Level Output Voltage vs High-Level Output
Current
Current
8
Submit Documentation Feedback
Copyright © 1998–2015, Texas Instruments Incorporated
Product Folder Links: TPS3820 TPS3823 TPS3824 TPS3825 TPS3828


Similar Part No. - TPS3825-33DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3825-33DBVRG4 TI-TPS3825-33DBVRG4 Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3825-33DBVRG4 TI-TPS3825-33DBVRG4 Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3825-33DBVRG4 TI-TPS3825-33DBVRG4 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3825-33DBVRG4 TI1-TPS3825-33DBVRG4 Datasheet
635Kb / 20P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3825-33DBVRG4 TI1-TPS3825-33DBVRG4 Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
More results

Similar Description - TPS3825-33DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3820 TI1-TPS3820_16 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_18 Datasheet
1Mb / 27P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
logo
Renesas Technology Corp
ICS9WDV3501B RENESAS-ICS9WDV3501B Datasheet
249Kb / 10P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
05/30/08
logo
Integrated Device Techn...
ICS9WDV3501B IDT-ICS9WDV3501B Datasheet
106Kb / 9P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com