Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3705-33 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS3705-33
Description  Processor Supervisory Circuits With Power-Fail
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3705-33 Datasheet(HTML) 4 Page - Texas Instruments

  TPS3705-33 Datasheet HTML 1Page - Texas Instruments TPS3705-33 Datasheet HTML 2Page - Texas Instruments TPS3705-33 Datasheet HTML 3Page - Texas Instruments TPS3705-33 Datasheet HTML 4Page - Texas Instruments TPS3705-33 Datasheet HTML 5Page - Texas Instruments TPS3705-33 Datasheet HTML 6Page - Texas Instruments TPS3705-33 Datasheet HTML 7Page - Texas Instruments TPS3705-33 Datasheet HTML 8Page - Texas Instruments TPS3705-33 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
1
RESET
8
NC
2
RESET
7
PFO
3
MR
6
PFI
4
VDD
5
GND
1
MR
8
RESET
2
VDD
7
RESET
3
GND
6
NC
4
PFI
5
PFO
1
RESET
8
WDI
2
WDO
7
PFO
3
MR
6
PFI
4
VDD
5
GND
1
MR
8
WDO
2
VDD
7
RESET
3
GND
6
WDI
4
PFI
5
PFO
4
TPS3705-30, TPS3705-33, TPS3705-50, TPS3707-30, TPS3707-50
SLVS184D – NOVEMBER 1998 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPS3705-30 TPS3705-33 TPS3705-50 TPS3707-30 TPS3707-50
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
6 Pin Configuration and Functions
TPS3705-xx D Package
8-Pin SOIC
Top View
TPS3707-xx D Package
8-Pin SOIC
Top View
TPS3705-xx DGN Package
8-Pin MSOP-PowerPAD
Top View
TPS3707-xx DGN Package
8-Pin MSOP-PowerPAD
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
TPS3705-xx
TPS3707-xx
SOIC
MSOP-PowerPAD
SOIC
MSOP-PowerPAD
GND
3
5
3
5
Ground
MR
1
3
1
3
I
Manual reset
NC
6
8
No internal connection
PFI
4
6
4
6
I
Power-fail comparator input
PFO
5
7
5
7
O
Power-fail comparator output
RESET
7
1
7
1
O
Active-low reset output
RESET
8
2
O
Active-high reset output
VDD
2
4
2
4
Supply voltage
WDI
6
8
I
Watchdog timer input
WDO
8
2
O
Watchdog timer output


Similar Part No. - TPS3705-33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3705-33D TI-TPS3705-33D Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-33D TI-TPS3705-33D Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-33D TI1-TPS3705-33D Datasheet
771Kb / 21P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-33DG4 TI-TPS3705-33DG4 Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-33DG4 TI-TPS3705-33DG4 Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
More results

Similar Description - TPS3705-33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3705 TI-TPS3705 Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705 TI-TPS3705_07 Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30 TI1-TPS3705-30 Datasheet
771Kb / 21P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI1-TPS3306-15_16 Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15DGKR TI-TPS3306-15DGKR Datasheet
633Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI-TPS3306-15 Datasheet
274Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15-Q1 TI-TPS3306-15-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3306-15-Q1 TI1-TPS3306-15-Q1_16 Datasheet
815Kb / 16P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com