Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS25740ARGER Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25740ARGER
Description  USB Type-C and USB PD Source Controller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25740ARGER Datasheet(HTML) 5 Page - Texas Instruments

  TPS25740ARGER Datasheet HTML 1Page - Texas Instruments TPS25740ARGER Datasheet HTML 2Page - Texas Instruments TPS25740ARGER Datasheet HTML 3Page - Texas Instruments TPS25740ARGER Datasheet HTML 4Page - Texas Instruments TPS25740ARGER Datasheet HTML 5Page - Texas Instruments TPS25740ARGER Datasheet HTML 6Page - Texas Instruments TPS25740ARGER Datasheet HTML 7Page - Texas Instruments TPS25740ARGER Datasheet HTML 8Page - Texas Instruments TPS25740ARGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
5
TPS25740, TPS25740A
www.ti.com
SLVSDG8A – APRIL 2016 – REVISED MAY 2016
Product Folder Links: TPS25740 TPS25740A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Do not apply voltage to these pins.
(3)
Voltage allowed to rise above Absolute Maximum provided current is limited.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Pin Voltage (sustained)
VDD , EN12V, EN9V, CTL1, CTL2, UFP,
PCTRL, CC1, CC2
–0.3
6
V
VTX(2)
–0.3
2.1
V
VAUX(2)
–0.3
4.5
V
GD (3)
–0.3
7
V
HIPWR, PSEL, DVDD (2)
–0.3
2.1
V
GDNG(2)
–0.5
40
V
VBUS,VPWR, ISNS, DSCG, GDNS
–0.5
30
V
Pin Voltage (transient for 1ms)
VBUS,VPWR, ISNS, DSCG, GDNS
–1.5
30
V
Pin-to-pin voltage
V(GDNG) – V(GDNS)
–0.3
20
V
AGND to GND
–0.3
0.3
V
ISNS to VBUS
–0.3
0.3
V
Sinking current (average)
CTL1, CTL2, UFP
8
mA
GD
100
µA
DSCG
10
mA
Sinking current (transient, 50 ms pulse 0.25%
duty cycle)
DSCG
375
mA
Current sourcing
VTX
Internally limited
mA
CC1, CC2
Internally limited
mA
VAUX
0
25
µA
Operating junction temperature range, TJ
–40
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
(2)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(3)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
(4)
These results were passing limits that were obtained on an application-level test board. Individual results may vary based on
implementation. Surges per IEC61000-4-2, 1999 applied between CC1/CC2 and ground of TPS25740EVM-741 and TPS25740AEVM-
741
7.2 ESD Ratings
(1)
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(2)
±2500
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(3)
±1000
IEC (4) 61000-4-2 contact discharge, CC1, CC2
±8000
IEC (4) 61000-4-2 air-gap discharge, CC1, CC2
±15000


Similar Part No. - TPS25740ARGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
[Old version datasheet]   USB Type-C and USB PD Source Controller
TPS25740BRGER TI1-TPS25740BRGER Datasheet
1Mb / 61P
[Old version datasheet]   USB Type-C and USB PD Source Controller
TPS25740BRGET TI1-TPS25740BRGET Datasheet
1Mb / 61P
[Old version datasheet]   USB Type-C and USB PD Source Controller
More results

Similar Description - TPS25740ARGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
[Old version datasheet]   USB Type-C and USB PD Source Controller
TPS65981 TI1-TPS65981 Datasheet
140Kb / 7P
[Old version datasheet]   USB Type-C and USB PD Controller Power Switch
TPS65986 TI1-TPS65986 Datasheet
2Mb / 109P
[Old version datasheet]   USB Type-C and USB PD Controller and Power Switch
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
   USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
   USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
logo
Richtek Technology Corp...
RT1716 RICHTEK-RT1716 Datasheet
477Kb / 37P
   Programmable USB Type-C PD Controller
March 2020
logo
Texas Instruments
TPS65994AD TI-TPS65994AD Datasheet
7Mb / 66P
[Old version datasheet]   TPS65994AD Dual Port USB Type-C and USB PD Controller with Integrated Source Power Switches
logo
Richtek Technology Corp...
RT7800B RICHTEK-RT7800B Datasheet
322Kb / 25P
   AnyPowerTM and PDsafeTM USB Type-C PD Controller
logo
Texas Instruments
TPS65987DDJ TI1-TPS65987DDJ Datasheet
2Mb / 72P
[Old version datasheet]   USB Type-C and USB PD Controller with Integrated Power Switches
TPS65987D TI1-TPS65987D_18 Datasheet
2Mb / 73P
[Old version datasheet]   USB Type-C and USB PD Controller with Integrated Power Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com