Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP-CC-4 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # LP-CC-4
Description  Low-Peak??LP-CC Class CC 600Vac/300Vdc, 1??-30A time-delay fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

LP-CC-4 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  LP-CC-4 Datasheet HTML 1Page - Cooper Bussmann, Inc. LP-CC-4 Datasheet HTML 2Page - Cooper Bussmann, Inc. LP-CC-4 Datasheet HTML 3Page - Cooper Bussmann, Inc. LP-CC-4 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Technical Data 1023
Effective February 2016
Low-Peak™ LP-CC Class CC 600Vac/300Vdc, 1⁄2-30A time-delay fuses
Eaton.com/bussmannseries
Time-current curves - average melt:
200
100
10
1
0.1
0.01
AMP RATING
CURRENT IN AMPS


Similar Part No. - LP-CC-4

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
LP-CC-4 EATON-LP-CC-4 Datasheet
775Kb / 4P
   Low-Peak??LP-CC Class CC 600 Vac/300 Vdc, 1/2-30 A time-delay fuses
LP-CC-4-1/2 EATON-LP-CC-4-1/2 Datasheet
775Kb / 4P
   Low-Peak??LP-CC Class CC 600 Vac/300 Vdc, 1/2-30 A time-delay fuses
More results

Similar Description - LP-CC-4

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LP-CC-1 COOPER-LP-CC-1 Datasheet
222Kb / 3P
   LP-CC . 600Vac/300Vdc, 1.2-30A Time-Delay Fuses
logo
List of Unclassifed Man...
FNQ-R-1-4 ETC2-FNQ-R-1-4 Datasheet
749Kb / 6P
   FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Eaton All Rights Reserv...
FNQ-R EATON-FNQ-R Datasheet
749Kb / 6P
   LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Cooper Bussmann, Inc.
FNQ-R-1 COOPER-FNQ-R-1_15 Datasheet
749Kb / 6P
   LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Eaton All Rights Reserv...
LP-CC EATON-LP-CC Datasheet
775Kb / 4P
   Low-Peak??LP-CC Class CC 600 Vac/300 Vdc, 1/2-30 A time-delay fuses
LPJ-1SP EATON-LPJ-1SP Datasheet
841Kb / 4P
   Low-Peak??LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
KRP-C-601SP COOPER-KRP-C-601SP Datasheet
715Kb / 4P
   Low-Peak??KRP-C Class L 600Vac/300Vdc, 601-2000A, time-delay fuses
logo
Eaton All Rights Reserv...
KRP-C EATON-KRP-C Datasheet
715Kb / 4P
   Low-Peak??KRP-C Class L 600Vac/300Vdc, 601-2000A, time-delay fuses
logo
Cooper Bussmann, Inc.
FNQ-R-2-1-2 COOPER-FNQ-R-2-1-2 Datasheet
76Kb / 2P
   CC-TRON Time-Delay Fuses
KRP-C-2001SP COOPER-KRP-C-2001SP Datasheet
741Kb / 4P
   Low-Peak??KRP-C Class L 600Vac, 2001-6000A, 300Vdc 3000A time-delay fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com