Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC-45 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # SC-45
Description  SC Class G, 600Vac/480Vac, 1??-60A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SC-45 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  SC-45 Datasheet HTML 1Page - Cooper Bussmann, Inc. SC-45 Datasheet HTML 2Page - Cooper Bussmann, Inc. SC-45 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Technical Data 1024
Effective December 2015
SC Class G 600Vac/480Vac, 1⁄2-60A size-rejecting fuses
Recommended fuse blocks:
Fuse amps
1-Pole
2-Pole
3-Pole
1⁄2-15
BG30011_
BG30012_
BG30013_
20
BG30021_
BG30022_
BG30023_
25-30
BG30031_
BG30032_
BG30033_
35-60
G30060-1C_
G30060-2C_
G30060-2C_
For additional information on the BG and G Series of Class G
fuse blocks, see data sheet No. 1006.
Current-limitation curves:
B
60
30
20
15
A
10,000
1000
100
RMS symmetrical currents in amps
A - B = Asymmetrical Available peak (2.3 x Sym. RMS amps)
Eaton and Bussmann are valuable
trademarks of Eaton in the US and other
countries. You are not permitted to use the
Eaton trademarks without prior written
consent of Eaton.
CSA is a registered trademark of the
Canadian Standards Group.
NEC is a registered trademark of the
National Fire Protection Association, Inc.
UL is a registered trademark of the
Underwriters Laboratories, Inc.
Eaton
1000 Eaton Boulevard
Cleveland, OH 44122
United States
Eaton.com
Bussmann Division
114 Old State Road
Ellisville, MO 63021
United States
Eaton.com/bussmannseries
© 2015 Eaton
All Rights Reserved
Printed in USA
Publication No. 1024 – BU-SB13733
December 2015
For Eaton’s Bussmann series
product information,
call 1-855-287-7626 or visit:
Eaton.com/bussmannseries
Follow us on social media to get the
latest product and support information.
Fo


Similar Part No. - SC-45

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
SC-45 EATON-SC-45 Datasheet
401Kb / 3P
   SC Class G, 600Vac/480Vac, 1??-60A size-rejecting fuses
More results

Similar Description - SC-45

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
SC-1-2 EATON-SC-1-2 Datasheet
401Kb / 3P
   SC Class G, 600Vac/480Vac, 1??-60A size-rejecting fuses
logo
Cooper Bussmann, Inc.
SC-15 COOPER-SC-15 Datasheet
208Kb / 3P
   SC - 600Vac/480Vac, 1.2-60A Size Rejecting Fuses
logo
Eaton All Rights Reserv...
ECSR EATON-ECSR Datasheet
197Kb / 2P
   Class RK5 600Vac, 1 to 60A Dual-Element, Time-Delay Fuses
logo
List of Unclassifed Man...
LPJ-1SP ETC2-LPJ-1SP Datasheet
719Kb / 4P
   LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
JKS-1 COOPER-JKS-1 Datasheet
224Kb / 3P
   JKS ??600Vac, 1-60A, Fast-Acting Fuses
logo
Eaton All Rights Reserv...
LPJ-1SP EATON-LPJ-1SP Datasheet
841Kb / 4P
   Low-Peak??LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
logo
Schneider Electric
QMJ362T SCHNEIDER-QMJ362T Datasheet
101Kb / 2P
   60A-60A 6 Inch 3P 600VAC Fusible Switch
logo
Cooper Bussmann, Inc.
LPJ-50SP COOPER-LPJ-50SP Datasheet
230Kb / 3P
   LPJ ??600Vac/300Vdc, 1-60A, Dual Element, Time-Delay Fuses
logo
Schneider Electric
QMB262TW SCHNEIDER-QMB262TW Datasheet
98Kb / 2P
   60A-60A 6 Inch 2P 600VAC/250VDC Fusible Switch
logo
Cooper Bussmann, Inc.
FRS-R-3 COOPER-FRS-R-3 Datasheet
297Kb / 3P
   FRS-R - 600Vac/300Vdc, 1/10-60A, Dual Element, Time-Delay Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com