Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3702CX50DDCR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3702CX50DDCR
Description  High-Accuracy, Overvoltage and Undervoltage Monitor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3702CX50DDCR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3702CX50DDCR Datasheet HTML 3Page - Texas Instruments TPS3702CX50DDCR Datasheet HTML 4Page - Texas Instruments TPS3702CX50DDCR Datasheet HTML 5Page - Texas Instruments TPS3702CX50DDCR Datasheet HTML 6Page - Texas Instruments TPS3702CX50DDCR Datasheet HTML 7Page - Texas Instruments TPS3702CX50DDCR Datasheet HTML 8Page - Texas Instruments TPS3702CX50DDCR Datasheet HTML 9Page - Texas Instruments TPS3702CX50DDCR Datasheet HTML 10Page - Texas Instruments TPS3702CX50DDCR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
0
2
4
6
8
10
12
0
3
6
9
12
15
18
Supply Voltage (V)
-40
SC
0
SC
25
SC
105
SC
125
SC
C001
1.4
1.45
1.5
1.55
1.6
1.65
±40 ±25 ±10
5
20
35
50
65
80
95
110 125 140
Temperature (
ƒC)
UVLO Postive
UVLO Negative
C001
VIT- Accuracy (%)
0
2000
4000
6000
8000
10000
12000
14000
16000
18000
20000
VIT+ Accuracy (%)
0
2000
4000
6000
8000
10000
12000
14000
16000
18000
20000
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
±40 ±25 ±10
5
20
35
50
65
80
95
110 125 140
Temperature (
ƒC)
Unit 1
Unit 2
Unit 3
Unit 4
Unit 5
Avg
C001
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
±40 ±25 ±10
5
20
35
50
65
80
95
110 125 140
Temperature (
ƒC)
Unit 1
Unit 2
Unit 3
Unit 4
Unit 5
Avg
C001
TPS3702
www.ti.com
SBVS251 – JANUARY 2015
6.7 Typical Characteristics
At TJ = 25°C, VDD = 3 V, and RPU = 10 kΩ, unless otherwise noted.
Performance is across VDD with SET high or low
Performance is across VDD with SET high or low
Figure 3. Overvoltage Accuracy vs Temperature
Figure 2. Undervoltage Accuracy vs Temperature
Performance is across VDD with SET high or low
Performance is across VDD with SET high or low
Figure 4. Undervoltage Accuracy Distribution
Figure 5. Overvoltage Accuracy Distribution
Figure 7. Undervoltage Lockout Threshold vs Temperature
Figure 6. Supply Current vs Supply Voltage
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS3702


Similar Part No. - TPS3702CX50DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3702CX50QDDCRQ1 TI1-TPS3702CX50QDDCRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   High-Accuracy, Overvoltage and Undervoltage Monitor
More results

Similar Description - TPS3702CX50DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3702-Q1 TI1-TPS3702-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   High-Accuracy, Overvoltage and Undervoltage Monitor
logo
Maxim Integrated Produc...
MAX16126EVKIT MAXIM-MAX16126EVKIT Datasheet
462Kb / 10P
   Adjustable Undervoltage and Overvoltage Thresholds
Rev 1; 7/16
logo
Texas Instruments
TPS389006 TI-TPS389006 Datasheet
3Mb / 120P
[Old version datasheet]   TPS389006 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
JUNE 2023
TPS3703 TI1-TPS3703 Datasheet
1Mb / 33P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI-TPS3703_V03 Datasheet
3Mb / 40P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI1-TPS3703_V01 Datasheet
1Mb / 33P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI-TPS3703_V02 Datasheet
2Mb / 36P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
logo
Maxim Integrated Produc...
MAX14890E MAXIM-MAX14890E Datasheet
990Kb / 30P
   Overvoltage and Undervoltage Fault Detection
Rev 0; 3/15
logo
Texas Instruments
TPS389006-Q1 TI-TPS389006-Q1_V01 Datasheet
4Mb / 120P
[Old version datasheet]   TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
REVISED MAY 2023
TPS389006-Q1 TI-TPS389006-Q1 Datasheet
2Mb / 10P
[Old version datasheet]   TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
MARCH 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com