Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS-3 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # TPS-3
Description  DC power distribution non-indicating fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TPS-3 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  TPS-3 Datasheet HTML 1Page - Cooper Bussmann, Inc. TPS-3 Datasheet HTML 2Page - Cooper Bussmann, Inc. TPS-3 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Technical Data 5009
Effective March 2015
TPS - DC power distribution
non-indicating fuses
eaton www.eaton.com
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document
are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the
end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any products and to discontinue
or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this
bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Eaton’s Bussmann Business
114 Old State Road
Ellisville, MO 63021
United States
www.bussmann.com
© 2015 Eaton
All Rights Reserved
Publication No. 5009 - BU-SB15146
March 2015
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
1,000
100
10
1
.1
.01
CURRENT IN AMPS
AMP
RATING
Time-current characteristic curves


Similar Part No. - TPS-3

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TPS-3 COOPER-TPS-3 Datasheet
41Kb / 2P
   Telpower Fuses 1 to 70 Amps, 170 Volts DC
logo
Eaton All Rights Reserv...
TPS-3 EATON-TPS-3 Datasheet
865Kb / 4P
   TPS DC non-indicating power distribution fuses
logo
Cooper Bussmann, Inc.
TPS-30 COOPER-TPS-30 Datasheet
41Kb / 2P
   Telpower Fuses 1 to 70 Amps, 170 Volts DC
logo
Eaton All Rights Reserv...
TPS-30 EATON-TPS-30 Datasheet
865Kb / 4P
   TPS DC non-indicating power distribution fuses
logo
Total Power Internation...
TPS-300 TOTAL-POWER-TPS-300 Datasheet
1Mb / 4P
   TPS350 SWITCHING MODE 350W U CHANNEL POWER SUPPLY
More results

Similar Description - TPS-3

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
TPS EATON-TPS Datasheet
865Kb / 4P
   TPS DC non-indicating power distribution fuses
logo
Cooper Bussmann, Inc.
MIS-1 COOPER-MIS-1 Datasheet
292Kb / 2P
   MIS non time-delay pin indicating supplemental fuses
GMT COOPER-GMT Datasheet
128Kb / 1P
   Fuseholders for Indicating Fuses
HLS-10 COOPER-HLS-10 Datasheet
128Kb / 1P
   Fuseholders for Indicating Fuses
HLS-06 COOPER-HLS-06 Datasheet
128Kb / 1P
   Fuseholders for Indicating Fuses
TPA-3 COOPER-TPA-3 Datasheet
63Kb / 2P
   Telpower짰 DC Power Distribution Fuses 170 Volts, DC, 3??0 Amps
logo
Littelfuse
0481003.HXLP LITTELFUSE-0481003.HXLP Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
0481005.HXLP LITTELFUSE-0481005.HXLP Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
0481010.VXLP LITTELFUSE-0481010.VXLP Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
048103.5HXP LITTELFUSE-048103.5HXP Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com