Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3780BQDBVRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3780BQDBVRQ1
Description  Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3780BQDBVRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS3780BQDBVRQ1 Datasheet HTML 1Page - Texas Instruments TPS3780BQDBVRQ1 Datasheet HTML 2Page - Texas Instruments TPS3780BQDBVRQ1 Datasheet HTML 3Page - Texas Instruments TPS3780BQDBVRQ1 Datasheet HTML 4Page - Texas Instruments TPS3780BQDBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS3780BQDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS3780BQDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS3780BQDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS3780BQDBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
TPS3779-Q1, TPS3780-Q1
www.ti.com
SBVS273 – JUNE 2016
Product Folder Links: TPS3779-Q1 TPS3780-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Outputs are undetermined below V(POR).
7.5 Electrical Characteristics
all specifications are over the operating temperature range of –40°C < TJ < +125°C and 1.5 V ≤ VDD ≤ 5.5 V (unless
otherwise noted); typical values are at TJ = 25°C and VDD = 3.3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Input supply range
1.5
5.5
V
V(POR)
Power-on-reset voltage(1)
VOL (max) = 0.2 V, IOL = 15 µA
0.8
V
IDD
Supply current (into VDD pin)
VDD = 3.3 V, no load
2.09
5.80
µA
VDD = 5.5 V, no load
2.29
6.50
VIT+
Positive-going input threshold
voltage
V(SENSEx) rising
1.194
V
–1%
1%
VIT–
Negative-going input threshold
voltage
V(SENSEx) falling
TPS37xxB-Q1
(5% hysteresis)
1.134
V
TPS37xxC-Q1
(10% hysteresis)
1.074
V(SENSEx) falling
–1%
1%
I(SENSEx)
Input current
V(SENSEx) = 0 V or VDD
–15
15
nA
VOL
Low-level output voltage
VDD
≥ 1.5 V, ISINK = 0.4 mA
0.25
V
VDD
≥ 2.7 V, ISINK = 2 mA
0.25
VDD
≥ 4.5 V, ISINK = 3.2 mA
0.30
VOH
High-level output voltage
(TPS3779-Q1 only)
VDD
≥ 1.5 V, ISOURCE = 0.4 mA
0.8 VDD
V
VDD
≥ 2.7 V, ISOURCE = 1 mA
0.8 VDD
VDD
≥ 4.5 V, ISOURCE = 2.5 mA
0.8 VDD
Ilkg(OD)
Open-drain output leakage
current (TPS3780-Q1 only)
High impedance, V(SENSEx) = V(OUTx) = 5.5 V
–250
250
nA


Similar Part No. - TPS3780BQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3780BDBVR TI1-TPS3780BDBVR Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
TPS3780BDBVT TI1-TPS3780BDBVT Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
TPS3780BDRYR TI-TPS3780BDRYR Datasheet
859Kb / 17P
[Old version datasheet]   Low-Power, Dual-Voltage Detector in Small SON Package
TPS3780BDRYR TI1-TPS3780BDRYR Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
TPS3780BDRYT TI-TPS3780BDRYT Datasheet
859Kb / 17P
[Old version datasheet]   Low-Power, Dual-Voltage Detector in Small SON Package
More results

Similar Description - TPS3780BQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3779 TI1-TPS3779_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
logo
Maxim Integrated Produc...
MAX16008 MAXIM-MAX16008 Datasheet
300Kb / 14P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 0; 10/05
MAX16008 MAXIM-MAX16008_11 Datasheet
189Kb / 13P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 1; 1/11
MAX6754 MAXIM-MAX6754 Datasheet
286Kb / 22P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 1; 12/03
MAX6764UT MAXIM-MAX6764UT Datasheet
560Kb / 20P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 4; 1/11
logo
Richtek Technology Corp...
RT9828 RICHTEK-RT9828 Datasheet
118Kb / 7P
   Dual Micro-Power Voltage Detectors
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
XC61C TOREX-XC61C Datasheet
892Kb / 19P
   Low Voltage Detectors
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
   Ultra Low Voltage Detectors
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com