Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC-741 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RC-741
Description  19 4U HIGH FULL-SIZE RACKMOUNT CHASSIS WITH BACKPLANE MOTHERBOARD & ATX P/S
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RC-741 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RC-741 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RC-741
19" 4U High, Full-size Rackmount Chassis with Backplane/
Motherboard & ATX P/S
Chassis
Features
19" 4U high, rackmount chassis compliant to EIA RS-310C standard
Detachable card cage for easy installation and maintenance
250W/300W/400W ATX power supply
Supports industrial ATX motherboard or 14-slot backplane
One 5.25" and eight 3.5" drive spaces
One 12cm and two 8cm ball bearing cooling fans
Dual lockable latch doors
FCC/CE industrial Class A approval
System environmental monitor (optional)
Specifications
* Chassis: Meet EIA RS-310C 19" 4U high, rackmount standard;
heavy-duty steel, SECC 1.2t (Japan)
* Drive Space: One 5.25" and eight 3.5" drive spaces
* Front Panel: Power on/off, reset switch and USB or PS/2 keyboard
connectors; power and HDD active LED
* Thermal Solution: One 12cm and two 8cm ball bearing cooling fans;
system environmental monitor (optional) and removable air filter
* Altitude: 15,000 feet
* Power Supply: 250W/300W/400W ATX power supply
* Temperature: 0~50
oC (operating); 0~70oC (storage)
* Humidity: 5~95%; non-condensing
* Safety Standard: FCC/CE on chassis and FCC/CE/UL/TUV on
power supply
* Dimensions/Weight: 48.0 x 17.68 x 42.7 cm/15kgs.
Ordering Guide
NOTE: All "M" models in this ordering
guide use back panel expansion
covers for ATX motherboard; NON-M
models use back panel for backplane
RC-741B / RC-741B-M
19" 4U High, Full-size Rackmount
Chassis (Black color)
RC-741BA-M
19" 4U High, Full-size Rackmount
Chassis (Black color) with 250W ATX
Power Supply
RC-741BA-14S2 (8 bay)
19" 4U High, Full-size Rackmount
Chassis (Black color) with HPCI-
14S2 Backplane & 250W ATX Power
Supply
46.5
48.5
42.7
17.68
S1
S2
KEYBOARD
R


Similar Part No. - RC-741

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
RC-741 BOSER-RC-741 Datasheet
227Kb / 1P
   19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-741 BOSER-RC-741 Datasheet
838Kb / 24P
   19??4U High, Full-size Rackmount Chassis
RC-741B BOSER-RC-741B Datasheet
227Kb / 1P
   19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-741BA-14S2 BOSER-RC-741BA-14S2 Datasheet
227Kb / 1P
   19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-741 BOSER-RC-741_1 Datasheet
838Kb / 24P
   19??4U High, Full-size Rackmount Chassis
More results

Similar Description - RC-741

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
RC-740 BOSER-RC-740 Datasheet
227Kb / 1P
   19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S
RC-741 BOSER-RC-741 Datasheet
227Kb / 1P
   19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-191 BOSER-RC-191 Datasheet
137Kb / 1P
   19" 4U High, Full-size Rackmount Chassis with 14-slot Backplane, 250W P/S
RC-741 BOSER-RC-741_1 Datasheet
838Kb / 24P
   19??4U High, Full-size Rackmount Chassis
RC-193 BOSER-RC-193 Datasheet
172Kb / 1P
   19" 4U High, Full-size Rackmount Chassis with 20-slot Backplane, 400W Redundant P/S
logo
Advantech Co., Ltd.
ACP-4000MB ADVANTECH-ACP-4000MB Datasheet
190Kb / 2P
   4U Rackmount Chassis for ATX Motherboard
logo
BOSER Technology Co., L...
RC-720 BOSER-RC-720 Datasheet
138Kb / 1P
   19" 2U High, Full-size Rackmount Chassis with MainBoard, 250W ATX P/S
RC-721 BOSER-RC-721 Datasheet
133Kb / 1P
   19" 2U High, Full-size Rackmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
logo
Adlink Technology Inc.
RK-630 ADLINK-RK-630 Datasheet
420Kb / 2P
   4U rackmount industrial chassis supporting ATX motherboard
logo
Advantech Co., Ltd.
IPC-610-F ADVANTECH-IPC-610-F Datasheet
863Kb / 2P
   4U 15-Slot Rackmount Chassis with ATX Motherboard Option
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com