Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF8833 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCF8833
Description  STN RGB - 132 X 132 X 3 driver
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8833 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCF8833 Datasheet HTML 31Page - NXP Semiconductors PCF8833 Datasheet HTML 32Page - NXP Semiconductors PCF8833 Datasheet HTML 33Page - NXP Semiconductors PCF8833 Datasheet HTML 34Page - NXP Semiconductors PCF8833 Datasheet HTML 35Page - NXP Semiconductors PCF8833 Datasheet HTML 36Page - NXP Semiconductors PCF8833 Datasheet HTML 37Page - NXP Semiconductors PCF8833 Datasheet HTML 38Page - NXP Semiconductors PCF8833 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 112 page
background image
2003 Feb 14
35
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
6.2.24.1
Rolling Scroll mode
The RAM-to-display mapping for the rolling Scroll mode
when a 132
× 130 (columns × rows) display is connected
to the PCF8833 is illustrated in Fig.14. In this case rows
0 and 131 must be left open. When a 132
× 132 display is
connected, there will be a one-to-one mapping between
the RAM and the display, and there will be no unused
rows.
The rolling Scroll mode is activated when the Set Entry
Scroll Point (SEP) is set; see Table 35.
Figure 15 gives an example for when the PCF8833 is
working in the rolling Scroll mode.
When the rolling Scroll mode is used the following
sequence can be applied:
• After the desired time interval increment the scroll
address to SEP + n for a n-line step
• Keep incrementing the scroll address (SEP) at regular
intervals.
The rolling Scroll mode is left when the normal Display
mode on (NORON) or the partial Display mode on
(PTLON) is selected.
Table 35 Set entry scroll point register bits
D/C
7
D6
543210
DEFAULT
000110111
37H
1
SEP7
SEP6
SEP5
SEP4
SEP3
SEP2
SEP1
SEP0
00H
handbook, full pagewidth
0
1
2
3
4
5
8
6
7
126
129
130
131
127
128
123
122
121
124
125
TF[7:0]
SA[7:0]
BF[7:0]
TF[7:0]
SA[7:0]
BF[7:0]
RAM (132 x 132)
0
0
1
2
3
4
7
8
5
6
127
130
131
131
128
129
124
121
120
125
126
display (132 x 130)
2 unused
rows
MGU923
Fig.14 RAM to display mapping for the rolling Scroll mode (TF + SA + BF = 130) for LAO = 0.


Similar Part No. - PCF8833

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8831 PHILIPS-PCF8831 Datasheet
109Kb / 28P
   STN RGB - 160 output row driver
2002 Aug 14
PCF8831U PHILIPS-PCF8831U Datasheet
109Kb / 28P
   STN RGB - 160 output row driver
2002 Aug 14
More results

Similar Description - PCF8833

ManufacturerPart #DatasheetDescription
logo
Novatek Microelectronic...
NT7538 NOVATEK-NT7538 Datasheet
1Mb / 68P
   132 X 65 RAM-Map STN LCD Controller/Driver
V1.0
logo
Rohm
BU98032CH-3BW ROHM-BU98032CH-3BW Datasheet
288Kb / 7P
   65,536 Colors 132RGB x 132 STN LCD control driver
logo
NXP Semiconductors
PCF8881 PHILIPS-PCF8881 Datasheet
73Kb / 11P
   132 x 132 RGB single chip TFT driver with DC-to-DC converter
2004 Aug 10
logo
List of Unclassifed Man...
SSD1805 ETC2-SSD1805 Datasheet
675Kb / 52P
   132 x 68 STN LCD Segment / Common Monochrome Driver with Controller
logo
Samsung semiconductor
S6B33B2 SAMSUNG-S6B33B2 Datasheet
1Mb / 79P
   132 RGB Segment & 162 Common Driver For 65,536 Color STN LCD
logo
STMicroelectronics
STV8116 STMICROELECTRONICS-STV8116 Datasheet
175Kb / 4P
   162 RGB x 132 single chip true 262K color OLED controller/driver
logo
ELAN Microelectronics C...
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
logo
List of Unclassifed Man...
SSD1789A ETC1-SSD1789A Datasheet
3Mb / 69P
   132 RGB x 160 CSTN LCD Segment / Common COLOR Driver with Controller
SSD1783 ETC1-SSD1783 Datasheet
3Mb / 79P
   132 RGB x 160 CSTN LCD Segment / Common COLOR Driver with Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com