Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF8833 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF8833
Description  STN RGB - 132 X 132 X 3 driver
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8833 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF8833 Datasheet HTML 24Page - NXP Semiconductors PCF8833 Datasheet HTML 25Page - NXP Semiconductors PCF8833 Datasheet HTML 26Page - NXP Semiconductors PCF8833 Datasheet HTML 27Page - NXP Semiconductors PCF8833 Datasheet HTML 28Page - NXP Semiconductors PCF8833 Datasheet HTML 29Page - NXP Semiconductors PCF8833 Datasheet HTML 30Page - NXP Semiconductors PCF8833 Datasheet HTML 31Page - NXP Semiconductors PCF8833 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 112 page
background image
2003 Feb 14
28
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
6.2.22
COLOUR SET
With the Colour set (RGBSET) command the mapping from the 256-colour interface data is translated to the 4 kbyte
colour RAM data of the PCF8833 can be changed. The translation table must be changed, if necessary, before sending
256 colour data. For the red and green pixel 8 from the available 16 grey scales can be selected. For the blue pixel 4
from the 16 grey scales can be selected. The default or reset state of the colour mapping can be found in Table 32.
If the 256-to-4 kbyte colour mapping needs to be changed, the whole table must be sent. The mapping of colours is done
when writing data into the RAM, through the application of the Look-Up Table (LUT).
Table 32 Colour set register bits
6.2.23
PARTIAL AREA
The Partial area command (PTLAR) sets the partial display area and displays the RAM content of this area. In the partial
Display mode the drive voltage can be reduced.
Table 33 Partial area register bits
D/C
D7
D6
D5
D4
D3
D2
D1
D0
DEFAULT
DESCRIPTION
000101101
2DH
1
X
X
X
X
R3
R2
R1
R0
00H
red tone 000
1
X
X
X
X
R3
R2
R1
R0
02H
red tone 001
1
X
X
X
X
R3
R2
R1
R0
04H
red tone 010
1
X
X
X
X
R3
R2
R1
R0
06H
red tone 011
1
X
X
X
X
R3
R2
R1
R0
09H
red tone 100
1
X
X
X
X
R3
R2
R1
R0
0BH
red tone 101
1
X
X
X
X
R3
R2
R1
R0
0DH
red tone 110
1
X
X
X
X
R3
R2
R1
R0
0FH
red tone 111
1
X
X
X
X
G3
G2
G1
G0
00H
green tone 000
1
X
X
X
X
G3
G2
G1
G0
02H
green tone 001
1
X
X
X
X
G3
G2
G1
G0
04H
green tone 010
1
X
X
X
X
G3
G2
G1
G0
06H
green tone 011
1
X
X
X
X
G3
G2
G1
G0
09H
green tone 100
1
X
X
X
X
G3
G2
G1
G0
0BH
green tone 101
1
X
X
X
X
G3
G2
G1
G0
0DH
green tone 110
1
X
X
X
X
G3
G2
G1
G0
0FH
green tone 111
1
X
X
X
X
B3
B2
B1
B0
00H
blue tone 00
1
X
X
X
X
B3
B2
B1
B0
04H
blue tone 01
1
X
X
X
X
B3
B2
B1
B0
0BH
blue tone 10
1
X
X
X
X
B3
B2
B1
B0
0FH
blue tone 11
D/C
76543210
DEFAULT
000110000
30H
1
AA1S7
AA1S6
AA1S5
AA1S4
AA1S3
AA1S2
AA1S1
AA1S0
tbf
1
AA1E7
AA1E6
AA1E5
AA1E4
AA1E3
AA1E2
AA1E1
AA1E0
tbf


Similar Part No. - PCF8833

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8831 PHILIPS-PCF8831 Datasheet
109Kb / 28P
   STN RGB - 160 output row driver
2002 Aug 14
PCF8831U PHILIPS-PCF8831U Datasheet
109Kb / 28P
   STN RGB - 160 output row driver
2002 Aug 14
More results

Similar Description - PCF8833

ManufacturerPart #DatasheetDescription
logo
Novatek Microelectronic...
NT7538 NOVATEK-NT7538 Datasheet
1Mb / 68P
   132 X 65 RAM-Map STN LCD Controller/Driver
V1.0
logo
Rohm
BU98032CH-3BW ROHM-BU98032CH-3BW Datasheet
288Kb / 7P
   65,536 Colors 132RGB x 132 STN LCD control driver
logo
NXP Semiconductors
PCF8881 PHILIPS-PCF8881 Datasheet
73Kb / 11P
   132 x 132 RGB single chip TFT driver with DC-to-DC converter
2004 Aug 10
logo
List of Unclassifed Man...
SSD1805 ETC2-SSD1805 Datasheet
675Kb / 52P
   132 x 68 STN LCD Segment / Common Monochrome Driver with Controller
logo
Samsung semiconductor
S6B33B2 SAMSUNG-S6B33B2 Datasheet
1Mb / 79P
   132 RGB Segment & 162 Common Driver For 65,536 Color STN LCD
logo
STMicroelectronics
STV8116 STMICROELECTRONICS-STV8116 Datasheet
175Kb / 4P
   162 RGB x 132 single chip true 262K color OLED controller/driver
logo
ELAN Microelectronics C...
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
logo
List of Unclassifed Man...
SSD1789A ETC1-SSD1789A Datasheet
3Mb / 69P
   132 RGB x 160 CSTN LCD Segment / Common COLOR Driver with Controller
SSD1783 ETC1-SSD1783 Datasheet
3Mb / 79P
   132 RGB x 160 CSTN LCD Segment / Common COLOR Driver with Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com