Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF8833 Datasheet(PDF) 91 Page - NXP Semiconductors

Part # PCF8833
Description  STN RGB - 132 X 132 X 3 driver
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8833 Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button PCF8833 Datasheet HTML 87Page - NXP Semiconductors PCF8833 Datasheet HTML 88Page - NXP Semiconductors PCF8833 Datasheet HTML 89Page - NXP Semiconductors PCF8833 Datasheet HTML 90Page - NXP Semiconductors PCF8833 Datasheet HTML 91Page - NXP Semiconductors PCF8833 Datasheet HTML 92Page - NXP Semiconductors PCF8833 Datasheet HTML 93Page - NXP Semiconductors PCF8833 Datasheet HTML 94Page - NXP Semiconductors PCF8833 Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 112 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Notes
1. X = don’t care. For hexadecimal representation, don’t care bits are assumed to be logic 0.
2. The chip stays in shift operation as long as D/C is logic 1.
3. When VCBW = 1 the VC buffer is switched to a weak buffer. Default is VCBW = 0, where the VC buffer is powerful. To save power a capacitor could
be connected to VC pad. Depending on the application it might be advantageous or even necessary to program VCBW = 1.
12
wait for 50 ms until OTP cells are
programmed
13
0
1
111000
0
F0
disable programming
1
X
X
0
0
1
X
0
1
09
ORA = 001; OPE = 0; CALMM = 1
14
repeat steps 10 to 13 for rows 2 to 6
15
0
1
111000
0
F0
exit CALMM mode
1
X
X
0
0
0
X
0
0
00
ORA = 000; OPE = 0; CALMM = 0
16
set VOTP(gate) =0V; VOTP(drain) =0V
STEP
D/C
COMMAND BYTE(1)
ADDR
DESCRIPTION
7
654321
0


Similar Part No. - PCF8833

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8831 PHILIPS-PCF8831 Datasheet
109Kb / 28P
   STN RGB - 160 output row driver
2002 Aug 14
PCF8831U PHILIPS-PCF8831U Datasheet
109Kb / 28P
   STN RGB - 160 output row driver
2002 Aug 14
More results

Similar Description - PCF8833

ManufacturerPart #DatasheetDescription
logo
Novatek Microelectronic...
NT7538 NOVATEK-NT7538 Datasheet
1Mb / 68P
   132 X 65 RAM-Map STN LCD Controller/Driver
V1.0
logo
Rohm
BU98032CH-3BW ROHM-BU98032CH-3BW Datasheet
288Kb / 7P
   65,536 Colors 132RGB x 132 STN LCD control driver
logo
NXP Semiconductors
PCF8881 PHILIPS-PCF8881 Datasheet
73Kb / 11P
   132 x 132 RGB single chip TFT driver with DC-to-DC converter
2004 Aug 10
logo
List of Unclassifed Man...
SSD1805 ETC2-SSD1805 Datasheet
675Kb / 52P
   132 x 68 STN LCD Segment / Common Monochrome Driver with Controller
logo
Samsung semiconductor
S6B33B2 SAMSUNG-S6B33B2 Datasheet
1Mb / 79P
   132 RGB Segment & 162 Common Driver For 65,536 Color STN LCD
logo
STMicroelectronics
STV8116 STMICROELECTRONICS-STV8116 Datasheet
175Kb / 4P
   162 RGB x 132 single chip true 262K color OLED controller/driver
logo
ELAN Microelectronics C...
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
logo
List of Unclassifed Man...
SSD1789A ETC1-SSD1789A Datasheet
3Mb / 69P
   132 RGB x 160 CSTN LCD Segment / Common COLOR Driver with Controller
SSD1783 ETC1-SSD1783 Datasheet
3Mb / 79P
   132 RGB x 160 CSTN LCD Segment / Common COLOR Driver with Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com