Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA688U Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA688U
Description  Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA688U Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA688U Datasheet HTML 4Page - Texas Instruments OPA688U Datasheet HTML 5Page - Texas Instruments OPA688U Datasheet HTML 6Page - Texas Instruments OPA688U Datasheet HTML 7Page - Texas Instruments OPA688U Datasheet HTML 8Page - Texas Instruments OPA688U Datasheet HTML 9Page - Texas Instruments OPA688U Datasheet HTML 10Page - Texas Instruments OPA688U Datasheet HTML 11Page - Texas Instruments OPA688U Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
OPA688
8
SBOS082A
TYPICAL PERFORMANCE CURVES : VS = ±5V (Cont.)
G = +2, RL = 500Ω, RF = 402Ω, VH = –VL = 2V (Figure 1 for AC performance only), unless otherwise noted.
60
50
40
30
20
10
0
–10
–20
OPEN-LOOP FREQUENCY RESPONSE
Frequency (Hz)
10k
100k
1M
10M
100M
1G
0
–30
–60
–90
–120
–150
–180
–210
–240
Gain
Phase
V
O = 0.2Vp-p
–30
–35
–40
–45
–50
–55
–60
–65
–70
–75
–80
LIMITER FEEDTHROUGH
Frequency (Hz)
1M
10M
50M
402
200
402
V
O
8
V
H = 0.02Vp-p + 2VDC
6
3
0
–3
–6
–9
–12
–15
–18
–21
–24
LIMITER SMALL-SIGNAL FREQUENCY RESPONSE
Frequency (Hz)
1M
10M
100M
1G
V
O = 0.02Vp-p
402
200
402
V
O
8
V
H = 0.02Vp-p + 2.0VDC
2V
DC
12
9
6
3
0
–3
–6
–9
–12
–15
–18
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (Hz)
1M
10M
100M
1G
V
O = 0.2Vp-p
C
L = 100pF
C
L = 0
C
L = 10pF
OPA688
R
S
200
1k
Ω is optional
V
IN
V
O
C
L
1k
402
402
80
70
60
50
40
30
20
10
0
R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
1
10
100
300
100
10
1
INPUT NOISE DENSITY
Frequency (Hz)
100
1k
10k
100k
1M
10M
Voltage Noise
6.3nV/
√Hz
Current Noise
2.0pA/
√Hz


Similar Part No. - OPA688U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA688U BURR-BROWN-OPA688U Datasheet
185Kb / 16P
   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
OPA688U BURR-BROWN-OPA688U Datasheet
59Kb / 4P
   EVALUATION FIXTURE
More results

Similar Description - OPA688U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA698 TI-OPA698 Datasheet
482Kb / 27P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
logo
Burr-Brown (TI)
OPA688 BURR-BROWN-OPA688 Datasheet
185Kb / 16P
   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
logo
Texas Instruments
OPA698 TI1-OPA698_12 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698IDG4 TI1-OPA698IDG4 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698M TI-OPA698M Datasheet
566Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA698M TI1-OPA698M Datasheet
566Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA688M TI1-OPA688M Datasheet
348Kb / 23P
[Old version datasheet]   UNITY-GAIN-STABLE WIDEBAND VOLTAGE LIMITING AMP LIFIER
OPA699M TI1-OPA699M Datasheet
532Kb / 32P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA689M TI1-OPA689M Datasheet
269Kb / 22P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE-LIMITING AMPLIFIER
OPA699M TI-OPA699M Datasheet
532Kb / 32P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com