Electronic Components Datasheet Search |
|
OPA650NB-250 Datasheet(PDF) 7 Page - Texas Instruments |
|
OPA650NB-250 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 13 page ® OPA650 7 the ground and power plane layout should not be in close proximity to the signal I/O pins. Avoid narrow power and ground traces to minimize inductance between the pins and the decoupling capacitors. Larger (2.2 µF to 6.8µF) decoupling capacitors, effective at lower frequencies, should also be used. These may be placed somewhat farther from the device and may be shared among several devices in the same area of the PC board. c) Careful selection and placement of external compo- nents will preserve the high frequency performance of the OPA650. Resistors should be a very low reactance type. Surface mount resistors work best and allow a tighter overall layout. Metal film or carbon composition axially-leaded resistors can also provide good high frequency performance. Again, keep their leads as short as possible. Never use wirewound type resistors in a high frequency application. Since the output pin and the inverting input pin are most sensitive to parasitic capacitance, always position the feed- back and series output resistor, if any, as close as possible to the package pins. Other network components, such as non- inverting input termination resistors, should also be placed close to the package. Even with a low parasitic capacitance shunting external resistors, excessively high resistor values can create signifi- cant time constants and degrade performance. Good metal film or surface mount resistors have approximately 0.2pF in shunt with the resistor. For resistor values > 1.5k Ω, this adds a pole and/or zero below 500MHz that can affect circuit operation. Keep resistor values as low as possible consistent with output loading considerations. The 402 Ω feedback used for the Typical Performance Plots is a good starting point for design. Note that a 25 Ω feedback resistor, rather than a direct short, is suggested for a unity gain follower. This effectively reduces the Q of what would otherwise be a parasitic inductance (the feedback wire) into the parasitic capacitance at the inverting input. TYPICAL PERFORMANCE CURVES (CONT) At TA = +25°C, VS = ±5V, RL = 100Ω, and RFB = 402Ω, unless otherwise noted. RFB = 25Ω for Gain of +1. HARMONIC DISTORTION vs GAIN (f O = 5MHz, VO = 2Vp-p) –40 –50 –60 –70 –80 1 2 3 4 5 6 789 10 Non-Inverting Gain (V/V) 3f O 2f O DISCUSSION OF PERFORMANCE The OPA650 is a low power, wideband voltage feedback operational amplifier. Each channel is internally compen- sated to provide unity gain stability. The OPA650’s voltage feedback architecture features true differential and fully sym- metrical inputs. This minimizes offset errors, making the OPA650 well suited for implementing filter and instrumen- tation designs. The OPA650’s AC performance is optimized to provide a gain bandwidth product of 180MHz and a fast 0.1% settling time of 10.2ns, which is an important consid- eration in high speed data conversion applications. Along with its excellent settling characteristics, the low DC input offset of ±1mV and drift of ±3µV/°C support high accuracy requirements. In applications requiring a higher slew rate and wider bandwidth, such as video and high bit rate digital communications, consider the current feedback OPA658. CIRCUIT LAYOUT AND BASIC OPERATION Achieving optimum performance with a high frequency am- plifier like the OPA650 requires careful attention to layout parasitics and selection of external components. Recommen- dations for PC board layout and component selection include: a) Minimize parasitic capacitance to any ac ground for all of the signal I/O pins. Parasitic capacitance on the output and inverting input pins can cause instability; on the non- inverting input it can react with the source impedance to cause unintentional bandlimiting. To reduce unwanted ca- pacitance, a window around the signal I/O pins should be opened in all of the ground and power planes. Otherwise, ground and power planes should be unbroken elsewhere on the board. b) Minimize the distance (< 0.25") from the two power pins to high frequency 0.1 µF decoupling capacitors. At the pins, |
Similar Part No. - OPA650NB-250 |
|
Similar Description - OPA650NB-250 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |