Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA642NB-3K Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA642NB-3K
Description  Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA642NB-3K Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA642NB-3K Datasheet HTML 6Page - Texas Instruments OPA642NB-3K Datasheet HTML 7Page - Texas Instruments OPA642NB-3K Datasheet HTML 8Page - Texas Instruments OPA642NB-3K Datasheet HTML 9Page - Texas Instruments OPA642NB-3K Datasheet HTML 10Page - Texas Instruments OPA642NB-3K Datasheet HTML 11Page - Texas Instruments OPA642NB-3K Datasheet HTML 12Page - Texas Instruments OPA642NB-3K Datasheet HTML 13Page - Texas Instruments OPA642NB-3K Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
®
OPA642
DAC TRANSIMPEDANCE AMPLIFIER
High frequency DDC DACs require a low distortion output
amplifier to retain their SFDR performance into real-world
loads. A single-ended output drive implementation is shown
in Figure 4. In this circuit, only one side of the complemen-
tary output drive signal is used. The diagram shows the
signal output current connected into the virtual ground
summing junction of the OPA642, which is set up as a
transimpedance stage or “I-V converter”. The unused cur-
rent output of the DAC is connected to ground. If the DAC
requires its outputs terminated to a compliance voltage other
than ground for operation, then the appropriate voltage level
may be applied to the non-inverting input of the OPA642.
The DC gain for this circuit is equal to RF. At high frequen-
cies, the DAC output capacitance will produce a zero in the
noise gain for the OPA642 that may cause peaking in the
closed-loop frequency response. CF is added across RF to
compensate for this noise gain peaking. To achieve a flat
transimpedance frequency response, this pole in the feed-
back network should be set to:
which will give a corner frequency ƒ-3dB of approximately:
Figure 5 shows an example Sallen-Key low pass filter, in
which the OPA642 is set up to deliver a low frequency gain
of +2. The filter component values have been selected to
achieve a maximally flat Butterworth response with a 5MHz
–3dB bandwidth. The resistor values have been slightly
adjusted to compensate for the effects of the 150MHz band-
width provided by the OPA642 in this configuration. This
filter may be combined with the ADC driver suggestions to
provide moderate (2-pole) Nyquist filtering, limiting noise
and out of band components into the input of an ADC. This
filter will deliver the exceptionally low harmonic distortion
required by high SFDR A/D converters such as the ADS804
(12-bit, 10MSPS, 80dB SFDR).
OPA642
High Speed
DAC
V
O = IO RF
R
F
C
F
GBP
→ Gain Bandwidth
Product for the OPA642
C
D
I
O
I
O
FIGURE 4. Wideband, Low Distortion DAC Transimpedance
Amplifier.
ACTIVE FILTERS
Most active filter topologies will deliver exceptional perfor-
mance using the broad bandwidth and unity gain stability of
the OPA642. Topologies employing capacitive feedback
require a unity gain stable voltage feedback op amp. Sallen-
Key filters simply use the op amp as a non-inverting gain
stage inside an RC network. Either current or voltage feed-
back op amps may be used in Sallen-Key implementations.
FIGURE 5. 5MHz Butterworth Low Pass Active Filter.
V
O
402
505
V
I
124
OPA642
100pF
402
150pF
OPERATING SUGGESTIONS
OPTIMIZING RESISTOR VALUES
Since the OPA642 is a unity gain stable voltage feedback op
amp, a wide range of resistor values may be used for the
feedback and gain setting resistors. The primary limits on
these values are set by dynamic range (noise and distortion)
and parasitic capacitance considerations. For a non-inverting
unity gain follower application, the feedback connection
should be made with a 25
Ω resistor—not a direct short. This
will isolate the inverting input capacitance from the output
pin and improve the frequency response flatness. Usually,
the feedback resistor value should be between 200
Ω and
1k
Ω. Below 200Ω, the feedback network will present
additional output loading which can degrade the harmonic
distortion performance of the OPA642. Above 1k
Ω, the
typical parasitic capacitance (approximately 0.2pF) across
the feedback resistor may cause unintentional band-limiting
in the amplifier response.
A good rule of thumb is to target the parallel combination of
RF and RG (Figure 1) to be less than about 200Ω. The
combined impedance RF || RG interacts with the inverting
input capacitance, placing an additional pole in the feedback
network and thus a zero in the forward response. Assuming
a 2pF total parasitic on the inverting node, holding RF || RG
< 200
Ω will keep this pole above 400MHz. By itself, this
constraint implies that the feedback resistor RF can increase
to several k
Ω at high gains. This is acceptable as long as the
pole formed by RF and any parasitic capacitance appearing
in parallel is kept out of the frequency range of interest.
ƒ
–3dB =
GBP / 2
πR
FCD
1/ 2
πR
FCF =
GBP / 4
πR
FCD
()


Similar Part No. - OPA642NB-3K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA642NB BURR-BROWN-OPA642NB Datasheet
243Kb / 15P
   Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
More results

Similar Description - OPA642NB-3K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA642 BURR-BROWN-OPA642 Datasheet
243Kb / 15P
   Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
OPA643 BURR-BROWN-OPA643 Datasheet
262Kb / 17P
   Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA643 TI1-OPA643 Datasheet
177Kb / 18P
[Old version datasheet]   Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA628 BURR-BROWN-OPA628 Datasheet
172Kb / 13P
   Low Distortion Wideband OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA843 TI1-OPA843 Datasheet
861Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Medium Gain Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA843 BURR-BROWN-OPA843 Datasheet
377Kb / 22P
   Wideband, Low Distortion, Medium Gain, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI-OPA842 Datasheet
438Kb / 19P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
ISL55211 INTERSIL-ISL55211 Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com