Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3613-01DGSR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3613-01DGSR
Description  ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3613-01DGSR Datasheet(HTML) 3 Page - Texas Instruments

  TPS3613-01DGSR Datasheet HTML 1Page - Texas Instruments TPS3613-01DGSR Datasheet HTML 2Page - Texas Instruments TPS3613-01DGSR Datasheet HTML 3Page - Texas Instruments TPS3613-01DGSR Datasheet HTML 4Page - Texas Instruments TPS3613-01DGSR Datasheet HTML 5Page - Texas Instruments TPS3613-01DGSR Datasheet HTML 6Page - Texas Instruments TPS3613-01DGSR Datasheet HTML 7Page - Texas Instruments TPS3613-01DGSR Datasheet HTML 8Page - Texas Instruments TPS3613-01DGSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TPS361301
SLVS340D − DECEMBER 2000 − REVISED JULY 2008
www.ti.com
3
FUNCTIONAL SCHEMATIC
Switch
Control
_
+
RESET
Logic
+
Timer
_
+
Reference
Voltage
or 1.15 V
VOUT
VOUT
RESET
RESET
CEOUT
VBAT
VDD
MR
SENSE
CEIN
TPS3613
R
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
CEIN
5
I
Chip-enable input
CEOUT
6
O
Chip-enable output
GND
3
I
Ground
MR
4
I
Manual reset input
RESET
7
O
Active-high reset output
RESET
9
O
Active-low reset output
SENSE
8
I
Adjustable sense input, assumed to be connect to VDD throught feedback resistences. Call your local contacts
for other application connections.
VBAT
10
I
Backup-battery input
VDD
2
I
Input supply voltage
VOUT
1
O
Supply output


Similar Part No. - TPS3613-01DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
More results

Similar Description - TPS3613-01DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com