Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA650P Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA650P
Description  Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA650P Datasheet(HTML) 2 Page - Texas Instruments

  OPA650P Datasheet HTML 1Page - Texas Instruments OPA650P Datasheet HTML 2Page - Texas Instruments OPA650P Datasheet HTML 3Page - Texas Instruments OPA650P Datasheet HTML 4Page - Texas Instruments OPA650P Datasheet HTML 5Page - Texas Instruments OPA650P Datasheet HTML 6Page - Texas Instruments OPA650P Datasheet HTML 7Page - Texas Instruments OPA650P Datasheet HTML 8Page - Texas Instruments OPA650P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
®
OPA650
NOTES: (1) An asterisk (T) specifies the same value as the grade to the left. (2) Frequency response can be strongly influenced by PC board parasitics. The OPA650
is nominally compensated assuming 2pF parasitic load. The demonstration boards show low parasitic layouts for the different package styles.
SPECIFICATIONS
At TA = +25°C, VS = ±5V, RL = 100Ω, and RFB = 402Ω, unless otherwise noted. RFB = 25Ω for a gain of +1.
OPA650P, U, N
OPA650UB, NB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
FREQUENCY RESPONSE
Closed-Loop Bandwidth(2)
G = +1
560
T(1)
MHz
G = +2
140
T
MHz
G = +5
37
T
MHz
G = +10
18
T
MHz
Gain Bandwidth Product
180
T
MHz
Slew Rate
G = +1, 2V Step
240
T
V/
µs
Over Specified Temperature
220
T
V/
µs
Rise Time
0.2V Step
1
T
ns
Fall Time
0.2V Step
1
T
ns
Settling Time
0.01%
G = +1, 2V Step
19.6
T
ns
0.1%
G = +1, 2V Step
10.2
T
ns
1%
G = +1, 2V Step
6.3
T
ns
Spurious Free Dynamic Range
G = +1, f = 5.0 MHz, VO = 2Vp-p
RL = 100Ω
73
T
dBc
RL = 200Ω
77
T
dBc
Differential Gain
G = +1, NTSC, VO = 1.4Vp, RL = 150Ω
0.01
T
%
Differential Phase
G = +1, NTSC, VO = 1.4Vp, RL = 150Ω
0.03
T
Degrees
Bandwidth for 0.1dB Gain Flatness
G = +2
25
T
MHz
INPUT OFFSET VOLTAGE
Input Offset Voltage
±1
±5
0.6
±2.5
mV
Average Drift
±3
T
µV/°C
Power Supply Rejection (+VS)|VS| = 4.5V to 5.5V
60
76
70
T
dB
(–VS)47
53
50
T
dB
INPUT BIAS CURRENT
Input Bias Current
VCM = 0V
5
20
T
10
µA
Over Temperature
30
20
µA
Input Offset Current
VCM = 0V
0.5
1
0.2
0.5
µA
Over Temperature
32
µA
NOISE
Input Voltage Noise
Noise Density, f = 100Hz
43
T
nV/
√Hz
f = 10kHz
9.4
T
nV/
√Hz
f = 1MHz
8.4
T
nV/
√Hz
f = 1MHz to 100MHz
8.4
T
nV/
√Hz
Integrated Noise, BW = 10Hz to 100MHz
84
T
µVrms
Input Bias Current Noise
Current Noise Density, f = 0.1MHz to 100MHz
1.2
T
pA/
√Hz
Noise Figure (NF)
RS = 10kΩ
4
T
dB
RS = 50Ω
19.5
T
dB
INPUT VOLTAGE RANGE
Common-Mode Input Range
±2.8
T
V
Over Specified Temperature
±2.2
T
V
Common-Mode Rejection
VCM = ±0.5V
65
90
70
T
dB
INPUT IMPEDANCE
Differential
15 || 1
T
k
Ω || pF
Common-Mode
16 || 1
T
M
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
VO = ±2V, RL = 100Ω
45
51
46
T
dB
Over Specified Temperature
VO = ±2V, RL = 100Ω
43
44
dB
OUTPUT
Voltage Output
Over Specified Temperature
No Load
±2.2
±3.0
±2.4
T
V
RL = 250Ω±2.2
±2.5
±2.4
T
V
RL = 100Ω±2.0
±2.3
±2.2
T
V
Current Output, Sourcing
75
110
TT
mA
Over Specified Temperature
65
T
mA
Current Output, Sinking
65
85
TT
mA
Over Specified Temperature
35
T
mA
Short Circuit Current
150
T
mA
Output Resistance
0.1MHz, G = +1
0.08
T
POWER SUPPLY
Specified Operating Voltage
±5
T
V
Derated Voltage Range
±4.5
±5.5
TT
V
Quiescent Current
±5.1
±7.75
±5.1
±6.5
mA
Over Specified Temperature
±8.75
±7.5
mA
TEMPERATURE RANGE
Specification: P, U, N, UB, NB
–40
+85
TT
°C
Thermal Resistance,
θ
JA
P
8-Pin DIP
100
T
°C/W
U
SO-8
125
T
°C/W
N
SOT23-5
150
T
°C/W


Similar Part No. - OPA650P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA650P BURR-BROWN-OPA650P Datasheet
183Kb / 12P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA650P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA651 BURR-BROWN-OPA651 Datasheet
146Kb / 11P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA650 BURR-BROWN-OPA650 Datasheet
183Kb / 12P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA2650 BURR-BROWN-OPA2650 Datasheet
215Kb / 12P
   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA4650 BURR-BROWN-OPA4650 Datasheet
235Kb / 13P
   Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA4650 TI1-OPA4650 Datasheet
185Kb / 14P
[Old version datasheet]   Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
OPA2650 TI1-OPA2650 Datasheet
169Kb / 13P
[Old version datasheet]   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA641 BURR-BROWN-OPA641 Datasheet
106Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com