Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA642P Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA642P
Description  Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA642P Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA642P Datasheet HTML 5Page - Texas Instruments OPA642P Datasheet HTML 6Page - Texas Instruments OPA642P Datasheet HTML 7Page - Texas Instruments OPA642P Datasheet HTML 8Page - Texas Instruments OPA642P Datasheet HTML 9Page - Texas Instruments OPA642P Datasheet HTML 10Page - Texas Instruments OPA642P Datasheet HTML 11Page - Texas Instruments OPA642P Datasheet HTML 12Page - Texas Instruments OPA642P Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
®
OPA642
9
is typically set up for a voltage gain of +2, compensating for
the 6dB attenuation of the voltage divider formed by the
series and shunt 75
Ω resistors at either end of the cable. The
circuit of Figure 1 applies to this requirement if all refer-
ences to 50
Ω resistors are replaced by 75Ω values. Often,
the amplifier gain is further increased to 2.2, which recovers
the additional DC loss of a typical long cable run. This
change would require the gain resistor (RG) in Figure 1 to be
reduced from 402
Ω to 335Ω. In either case, both the gain
flatness and the differential gain/phase performance of the
OPA642 will provide exceptional results in video distribu-
tion applications. Differential Gain and Phase measure the
change in overall small-signal gain and phase for the color
subcarrier frequency (3.58MHz in NTSC systems) vs changes
in the large-signal output level (which represents luminance
information in a composite video signal). The OPA642, with
the typical 150
Ω load of a single matched video cable,
shows less than 0.01%/0.01
° differential gain/phase errors
over the standard luminance range for a positive video
(negative sync) signal. Similar performance would be ob-
served for negative video signals. In practice, similar perfor-
mance is achieved even with two video loads due to the
linear high-frequency output impedance of the OPA642.
SINGLE OP-AMP DIFFERENTIAL AMPLIFIER
The voltage feedback architecture of the OPA642, with its
high CMR, will provide exceptional performance in differ-
ential amplifier configurations. Figure 2 shows a typical
configuration. The starting point for this design is the selec-
tion of the RF value in the range of 200Ω to 2kΩ. Lower
values reduce the required RG increasing the load on the V2
source and on the OPA642 output. Higher values increase
output noise and exacerbate the effects of parasitic board
and device capacitances. Following the selection of RF, RG
must be set to achieve the desired inverting gain for V
2.
Remember that the bandwidth will be set approximately by
the gain bandwidth product (GBP) divided by the noise gain
(1+ R
F/RG). For accurate differential operation (i.e. good
CMR), the ratio R2/R1 must be set equal to RF/RG. Usually,
it is best to set the absolute values of R2 and R1 equal to RF
and R
G respectively; this equalizes the divider resistances
and cancels the effect of input bias currents. However, it is
sometimes useful to scale the values of R2 and R1 in order
to adjust the loading on the driving source V1. In most cases,
the achievable low frequency CMR will be limited by the
accuracy of the resistor values. The 90dB CMR of the
OPA642 itself will not determine the overall circuit CMR
unless the resistor ratios are matched to better than 0.003%.
If it is necessary to trim the CMR, then R2 is the suggested
adjustment point.
THREE OP AMP DIFFERENCING
(Instrumentation Topology)
The primary drawback of the single op-amp differential
amplifier is its relatively low input impedances. Where a
high impedance is required at the differential input, a stan-
dard instrumentation amplifier (INA) topology may be built
using the OPA642 as the differencing stage. Figure 3 shows
an example of this, in which the two input amplifiers are
packaged together as a dual voltage feedback op-amp—the
OPA2650. This approach saves board space, cost and power
compared to using two additional OPA642 devices, and still
achieves very good noise and distortion performance due to
the moderate loading on the input amplifiers. In this circuit,
the common mode gain to the output is always one due to the
four matched 1k
Ω resistors, while the differential gain is set
by (1 + 2RF1/RG)—which is equal to 2 using the values in
Figure 3. The differential to single-ended conversion is still
performed by the OPA642 output stage. The high imped-
ance inputs allow the V1 and V2 sources to be terminated or
impedance matched as required without further loading by
the differential amplifier. If the V1 and V2 inputs are already
truly differential, such as the output from a signal trans-
former, then a single matching termination resistor may be
used between them. Remember, however, that a defined DC
signal path must always exist for the V1 and V2 inputs; for
the transformer case, a center-tapped secondary connected
to ground would provide an optimum DC operating point.
FIGURE 3. Wideband 3-Op Amp Differencing Amplifier.
1/2
OPA2650
1/2
OPA2650
OPA642
1k
1k
1k
R
F1
500
R
F1
500
V
1
V
2
V
O
V
O = 2 (V1 – V2)
Power Supplies and
De-coupling Not Shown
R
G
1k
1k
V
O =
(V
1 – V2)
when
=
R
F
R
G
R
2
R
1
R
F
R
G
R
F
–5V
+5V
Power Supply
De-coupling Not Shown
R
G
V
2
V
1
R
1
OPA642
R
2
FIGURE 2. High Speed, Single Amplifier Differential
Amplifier.


Similar Part No. - OPA642P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA642P BURR-BROWN-OPA642P Datasheet
243Kb / 15P
   Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
OPA642PB BURR-BROWN-OPA642PB Datasheet
243Kb / 15P
   Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
More results

Similar Description - OPA642P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA642 BURR-BROWN-OPA642 Datasheet
243Kb / 15P
   Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
OPA643 BURR-BROWN-OPA643 Datasheet
262Kb / 17P
   Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA643 TI1-OPA643 Datasheet
177Kb / 18P
[Old version datasheet]   Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA628 BURR-BROWN-OPA628 Datasheet
172Kb / 13P
   Low Distortion Wideband OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA843 TI1-OPA843 Datasheet
861Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Medium Gain Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA843 BURR-BROWN-OPA843 Datasheet
377Kb / 22P
   Wideband, Low Distortion, Medium Gain, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI-OPA842 Datasheet
438Kb / 19P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
ISL55211 INTERSIL-ISL55211 Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com