Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA640UB Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA640UB
Description  Wideband Voltage Feedback OPERATIONAL AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA640UB Datasheet(HTML) 5 Page - Texas Instruments

  OPA640UB Datasheet HTML 1Page - Texas Instruments OPA640UB Datasheet HTML 2Page - Texas Instruments OPA640UB Datasheet HTML 3Page - Texas Instruments OPA640UB Datasheet HTML 4Page - Texas Instruments OPA640UB Datasheet HTML 5Page - Texas Instruments OPA640UB Datasheet HTML 6Page - Texas Instruments OPA640UB Datasheet HTML 7Page - Texas Instruments OPA640UB Datasheet HTML 8Page - Texas Instruments OPA640UB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
®
OPA640
5
40
30
20
10
0
0
Capacitive Load (pF)
RECOMMENDED ISOLATION RESISTANCE
vs CAPACITIVE LOAD FOR G = +1
10
20
30
40
50
60
70
200
160
120
80
40
0
–40
–80
–120
–160
–200
Time (5ns/Div)
SMALL SIGNAL TRANSIENT RESPONSE
(G = +1, R
L = 100Ω)
TYPICAL PERFORMANCE CURVES (CONT)
T
A = +25°C, VS = ±5V, RL = 100Ω, CL = 2pF, RFB = 402Ω and all four power supply pins are used, unless otherwise noted. RFB = 25Ω for a gain of +1.
2.0
1.6
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
–1.6
–1V
Time (5ns/Div)
LARGE SIGNAL TRANSIENT RESPONSE
(G = +1, R
L = 100Ω)
A
V = +5V/V CLOSED-LOOP
SMALL SIGNAL BANDWIDTH
Frequency (Hz)
1M
10M
100M
1G
17
14
11
8
5
2
–1
–4
0
–45
–90
Closed-Loop
Phase
Bandwidth
= 68MHz
Gain
G = +1V/V CLOSED-LOOP
SMALL SIGNAL BANDWIDTH
Frequency (Hz)
10M
100M
1G
10G
9
6
3
0
–3
–6
–9
–12
–15
–18
–21
0
–45
–90
–135
–180
–225
–270
Gain
SO-8
Closed-Loop
Phase
DIP
Bandwidth
= 1.05GHz
SO-8
Bandwidth
= 1.45GHz
–40°C SO-8
Bandwidth
= 1.71GHz
G = +2V/V CLOSED-LOOP
SMALL SIGNAL BANDWIDTH
Frequency (Hz)
1M
10M
100M
1G
9
6
3
0
–3
–6
0
–45
–90
–135
–180
–225
–270
Closed-Loop
Phase
SO-8
Bandwidth
= 286MHz
DIP
Bandwidth
= 262MHz
Gain


Similar Part No. - OPA640UB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA640UB BURR-BROWN-OPA640UB Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA640UB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA641 BURR-BROWN-OPA641 Datasheet
106Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA680 TI1-OPA680 Datasheet
248Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER
OPA3680 TI1-OPA3680 Datasheet
238Kb / 22P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA3690 TI1-OPA3690_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA650 TI1-OPA650 Datasheet
148Kb / 13P
[Old version datasheet]   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA651 BURR-BROWN-OPA651 Datasheet
146Kb / 11P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com