Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA632N Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA632N
Description  OPERATIONAL AMPLIFIERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA632N Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA632N Datasheet HTML 6Page - Texas Instruments OPA632N Datasheet HTML 7Page - Texas Instruments OPA632N Datasheet HTML 8Page - Texas Instruments OPA632N Datasheet HTML 9Page - Texas Instruments OPA632N Datasheet HTML 10Page - Texas Instruments OPA632N Datasheet HTML 11Page - Texas Instruments OPA632N Datasheet HTML 12Page - Texas Instruments OPA632N Datasheet HTML 13Page - Texas Instruments OPA632N Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
OPA631, OPA632
10
SBOS066A
TYPICAL PERFORMANCE CURVES: VS = +3V (Cont.)
At TA = 25°C, G = +2, RF = 750Ω, and RL = 150Ω to VS/2, unless otherwise noted (see Figure 2).
1000
100
10
1
R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
1
10
100
1000
3.0
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
2.0
OUTPUT SWING vs LOAD RESISTANCE
R
L (Ω)
50
100
1000
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
Maximum V
O
Minimum V
O
6
3
0
–3
–6
–9
–12
–15
–18
–21
–24
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (MHz)
1
10
100
300
V
O = 0.2Vp-p
R
S
OPA63x
V
O
1k
C
L
+V
S/2
C
L = 1000pF
C
L = 10pF
C
L = 100pF
10
9
8
7
6
5
4
3
2
1
0
SUPPLY AND OUTPUT CURRENTS
vs SUPPLY VOLTAGE
Supply Voltage (V)
34
5
6
7
8
9
10
200
180
160
140
120
100
80
60
40
20
0
Quiescent-Supply Current
Output Current, Sourcing
Output Current, Sinking
120
100
80
60
40
20
0
SLEW RATE AND GAIN BANDWIDTH PRODUCT
vs SUPPLY VOLTAGE
Supply Voltage (V)
34
5
6
7
8
9
10
120
100
80
60
40
20
0
Slew Rate
Gain Bandwidth Product


Similar Part No. - OPA632N

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA632N BURR-BROWN-OPA632N Datasheet
176Kb / 17P
   Low Power, Single-Supply OPERATIONAL AMPLIFIERS TM
More results

Similar Description - OPA632N

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com