Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3620-33-EP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3620-33-EP
Description  BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3620-33-EP Datasheet(HTML) 1 Page - Texas Instruments

  TPS3620-33-EP Datasheet HTML 1Page - Texas Instruments TPS3620-33-EP Datasheet HTML 2Page - Texas Instruments TPS3620-33-EP Datasheet HTML 3Page - Texas Instruments TPS3620-33-EP Datasheet HTML 4Page - Texas Instruments TPS3620-33-EP Datasheet HTML 5Page - Texas Instruments TPS3620-33-EP Datasheet HTML 6Page - Texas Instruments TPS3620-33-EP Datasheet HTML 7Page - Texas Instruments TPS3620-33-EP Datasheet HTML 8Page - Texas Instruments TPS3620-33-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
VBAT
RESET
MR
PFO
8
7
6
5
1
2
3
4
VOUT
VDD
GND
PFI
DGK PACKAGE
(TOP VIEW)
ACTUAL SIZE
3,05 mm x 4,98 mm
TPS3619-33-EP, TPS3619-50-EP
TPS3620-33-EP, TPS3620-50-EP
www.ti.com
SGLS350C – JULY 2006 – REVISED SEPTEMBER 2010
BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
Check for Samples: TPS3619-33-EP, TPS3619-50-EP, TPS3620-33-EP, TPS3620-50-EP
1
FEATURES
APPLICATIONS
Fax Machines
Supply Current of 40 mA (Max)
Set-Top Boxes
Battery-Supply Current of 100 nA (Max)
Advanced Voice-Mail Systems
Precision Supply-Voltage Monitor 3.3 V, 5 V,
Portable Battery-Powered Equipment
and Other Options on Request
Computer Equipment
Backup-Battery Voltage Can Exceed VDD
Advanced Modems
Power-On Reset Generator with Fixed 100-ms
Automotive Systems
Reset Delay Time
Portable Long-Time Monitoring Equipment
Voltage Monitor for Power-Fail or Low-Battery
Point-of-Sale Equipment
Monitoring
Battery Freshness Seal (TPS3619)
DESCRIPTION
Pin-to-Pin Compatible With MAX819, MAX703,
The TPS3619 and TPS3620 families of supervisory
and MAX704
circuits monitor and control processor activity by
8-Pin Mini Small-Outline Package (MSOP)
providing backup-battery switchover for data retention
Package
of CMOS RAM.
During power on, RESET is asserted when the
SUPPORTS DEFENSE, AEROSPACE,
supply voltage (VDD or VBAT) becomes higher than 1.1
AND MEDICAL APPLICATIONS
V. Thereafter, the supply voltage supervisor monitors
Controlled Baseline
VDD and keeps RESET output active as long as VDD
One Assembly/Test Site
remains below the threshold voltage (VIT). An internal
One Fabrication Site
timer delays the return of the output to the inactive
state (high) to ensure proper system reset. The delay
Available in Military (–55°C/125°C)
time starts after VDD has risen above VIT. When the
Temperature Range(1)
supply voltage drops below VIT, the output becomes
Extended Product Life Cycle
active (low) again.
Extended Product-Change Notification
The product spectrum is designed for supply voltages
Product Traceability
of 3.3 V and 5 V. The TPS3619 and TPS3620 are
available in an 8-pin MSOP package and are
characterized for operation over a temperature range
(1)
Additional temperature ranges available - contact factory
of –55°C to 125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS3620-33-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3620-33-EP TI1-TPS3620-33-EP Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
More results

Similar Description - TPS3620-33-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com